Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX418ALL Datasheet(PDF) 15 Page - Sony Corporation

Part # ICX418ALL
Description  Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX418ALL Datasheet(HTML) 15 Page - Sony Corporation

Back Button ICX418ALL Datasheet HTML 11Page - Sony Corporation ICX418ALL Datasheet HTML 12Page - Sony Corporation ICX418ALL Datasheet HTML 13Page - Sony Corporation ICX418ALL Datasheet HTML 14Page - Sony Corporation ICX418ALL Datasheet HTML 15Page - Sony Corporation ICX418ALL Datasheet HTML 16Page - Sony Corporation ICX418ALL Datasheet HTML 17Page - Sony Corporation ICX418ALL Datasheet HTML 18Page - Sony Corporation ICX418ALL Datasheet HTML 19Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
– 15 –
ICX418ALL
Spectral Sensitivity Characteristics (Excludes lens characteristics and light source characteristics)
Sensor Readout Clock Timing Chart
Unit: µs
Odd Field
Even Field
V1
V2
V3
V4
V1
V2
V3
V4
2.5
2.5 2.5 2.5
33.5
1.6
0.2
1.0
0.8
0.9
0.6
0.4
0.2
0.7
0.5
0.3
0.1
0
400
500
600
700
Wave Length [nm]
800
900
1000


Similar Part No. - ICX418ALL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX418ALB SONY-ICX418ALB Datasheet
34Kb / 1P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
More results

Similar Description - ICX418ALL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX418ALB SONY-ICX418ALB Datasheet
34Kb / 1P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX428ALB SONY-ICX428ALB Datasheet
222Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX428ALL SONY-ICX428ALL Datasheet
27Kb / 1P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX429ALB SONY-ICX429ALB Datasheet
226Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX419ALB SONY-ICX419ALB Datasheet
215Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX429ALL SONY-ICX429ALL Datasheet
178Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX419ALL SONY-ICX419ALL Datasheet
195Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX086AL SONY-ICX086AL Datasheet
213Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX206AL SONY-ICX206AL Datasheet
216Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX278AL SONY-ICX278AL Datasheet
190Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com