Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HN58C65 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HN58C65
Description  8192-word X 8-bit Electrically Erasable and Programmable CMOS ROM
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HN58C65 Datasheet(HTML) 4 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HN58C65 Series
4
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage
*1
V
CC
–0.6 to +7.0
V
Input voltage
*1
Vin
–0.5
*2 to +7.0
V
Operating temperature range
*3
Topr
0 to +70
°C
Storage temperature range
Tstg
–55 to +125
°C
Notes: 1. With respect to V
SS
2. –3.0 V for pulse width
≤ 50 ns.
3. Including electrical characteristics and data retention.
Recommended DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
V
CC
4.5
5.0
5.5
V
Input voltage
V
IL
–0.3
0.8
V
V
IH
2.2
V
CC + 1
V
Operating temperature
Topr
0
70
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn