Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCH664NP-9R1M Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCH664NP-9R1M
Description  PIN Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH664NP-9R1M Datasheet(HTML) 2 Page - Sumida Corporation

  RCH664NP-9R1M Datasheet HTML 1Page - Sumida Corporation RCH664NP-9R1M Datasheet HTML 2Page - Sumida Corporation RCH664NP-9R1M Datasheet HTML 3Page - Sumida Corporation RCH664NP-9R1M Datasheet HTML 4Page - Sumida Corporation RCH664NP-9R1M Datasheet HTML 5Page - Sumida Corporation RCH664NP-9R1M Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
Revised: 7-Jan-14
PIN
PIN
PIN
PIN Power Inductor
Power Inductor
Power Inductor
Power Inductor
RCH-664
Electrical Characteristics
※1: Inductance measuring condition: 1.0μH ~ 10μH
at 7.96 MHz
11
μH ~ 82μH
at 2.52 MHz
100
μH ~ 1.0mH
at 1 kHz
※2: The rated current indicates the lower value of current when the inductance is 10% lower than its initial value at D.C.
superposition or the temperature of coil rises 40
℃ with D.C. current passing. (Ta=20℃)
190m
4.45
1000
±10%
102K
RCH664NP-102K
250m
230m
210m
2.31
2.67
3.10
560
±10%
680
±10%
820
±10%
561K
681K
821K
RCH664NP-561K
RCH664NP-681K
RCH664NP-821K
330m
300m
270m
1.48
1.66
1.91
330
±10%
390
±10%
470
±10%
331K
391K
471K
RCH664NP-331K
RCH664NP-391K
RCH664NP-471K
440m
400m
360m
0.74
0.96
1.12
180
±10%
220
±10%
270
±10%
181K
221K
271K
RCH664NP-181K
RCH664NP-221K
RCH664NP-271K
590m
540m
480m
0.43
0.54
0.64
100
±10%
120
±10%
150
±10%
101K
121K
151K
RCH664NP-101K
RCH664NP-121K
RCH664NP-151K
800m
720m
660m
0.26
0.28
0.39
56
±10%
68
±10%
82
±10%
560K
680K
820K
RCH664NP-560K
RCH664NP-680K
RCH664NP-820K
1.03
950m
870m
0.17
0.19
0.23
33
±10%
39
±10%
47
±10%
330K
390K
470K
RCH664NP-330K
RCH664NP-390K
RCH664NP-470K
1.27
1.14
0.11
0.14
22
±10%
27
±10%
220K
270K
RCH664NP-220K
RCH664NP-270K
1.30
83.9m
18
±15%
180L
RCH664NP-180L
1.44
1.40
1.33
70.1m
74.4m
78.8m
14
±15%
15
±15%
16
±15%
140L
150L
160L
RCH664NP-140L
RCH664NP-150L
RCH664NP-160L
1.64
1.52
1.48
59.6m
63.0m
66.7m
11
±15%
12
±15%
13
±15%
110L
120L
130L
RCH664NP-110L
RCH664NP-120L
RCH664NP-130L
1.99
1.86
1.75
49.8m
53.2m
56.6m
8.1
±20%
9.1
±20%
10
±20%
8R1M
9R1M
100M
RCH664NP-8R1M
RCH664NP-9R1M
RCH664NP-100M
2.30
2.14
2.09
39.5m
43.0m
46.2m
5.5
±20%
6.3
±20%
7.2
±20%
5R5M
6R3M
7R2M
RCH664NP-5R5M
RCH664NP-6R3M
RCH664NP-7R2M
2.83
2.63
2.43
30.8m
33.4m
36.4m
3.3
±20%
3.9
±20%
4.7
±20%
3R3M
3R9M
4R7M
RCH664NP-3R3M
RCH664NP-3R9M
RCH664NP-4R7M
3.52
3.20
3.00
22.8m
25.5m
28.2m
1.7
±20%
2.2
±20%
2.7
±20%
1R7M
2R2M
2R7M
RCH664NP-1R7M
RCH664NP-2R2M
RCH664NP-2R7M
4.00
3.70
18.3m
20.6m
1.0
±20%
1.3
±20%
1R0M
1R3M
RCH664NP-1R0M
RCH664NP-1R3M
Rated
Current
(A)
※2
D.C.R.
(
Ω) [Max.]
at 20
Inductance
(
μH)
[ Within ]
※1
Stamp
Part Name


Similar Part No. - RCH664NP-9R1M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH664NP-9R1M SUMIDA-RCH664NP-9R1M Datasheet
167Kb / 2P
   Power Inductor< Pin Type: RCH Series>
More results

Similar Description - RCH664NP-9R1M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH4764B SUMIDA-RCH4764B Datasheet
176Kb / 4P
   PIN Power Inductor
RCR1616 SUMIDA-RCR1616_14 Datasheet
239Kb / 5P
   PIN Power Inductor
RCH8011 SUMIDA-RCH8011_14 Datasheet
238Kb / 5P
   PIN Power Inductor
RCH109 SUMIDA-RCH109_14 Datasheet
238Kb / 5P
   PIN Power Inductor
R58 SUMIDA-R58_14 Datasheet
188Kb / 4P
   PIN Power Inductor
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RCH8010 SUMIDA-RCH8010 Datasheet
428Kb / 4P
   PIN Power Inductor
RCR-110D SUMIDA-RCR-110D_14 Datasheet
235Kb / 5P
   PIN Power Inductor
RCH-895 SUMIDA-RCH-895_14 Datasheet
352Kb / 8P
   PIN Power Inductor
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
   PIN Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com