Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEEH1310CNP-100 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CEEH1310CNP-100
Description  Current Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEEH1310CNP-100 Datasheet(HTML) 1 Page - Sumida Corporation

  CEEH1310CNP-100 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Current Transformer
CEEH1310C
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 1 of 1
Revision 0 (11 Jan. 2016)
www.sumida.com
◆ Product Description
・19.9×14.0mm Max.(L×W), 10.5mm Max. Height .
・Custom design is available.
◆ Feature
・Low profile SMD type.
・Low primary D.C.R. version.
・Current rating: up to 35.0A.
・Operating Frequency range: 50kHz~500kHz.
・RoHS Compliance.
◆ Dimensions (mm)
◆ Land Pattern
◆ Schematics
Parts No.
Turns
Ratio
Inductance
(2-4)
10kHz 1.0V
D.C.R. @20℃ Max.
Rated Current
Δ T=40℃
(at Ta= 20℃)
Hi-Pot
11,12 to 2,4
50/60Hz 0.5mA 1min.
11-12
2-4
CEEH1310CNP-50
1:50
2.0mH±40%
0.5mΩ
705mΩ
35A
500Vrms
CEEH1310CNP-100
1:100
8.0mH±40%
0.5mΩ
1000m
Ω
35A
500Vrms
CEEH1310CNP-200
1:200
32mH±40%
0.5mΩ
3800m
Ω
35A
500Vrms
For sales office information, please click here to visit our website.


Similar Part No. - CEEH1310CNP-100

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEEH1310 SUMIDA-CEEH1310 Datasheet
145Kb / 2P
   Current Sense Transformer
More results

Similar Description - CEEH1310CNP-100

ManufacturerPart #DatasheetDescription
logo
VACUUMSCHMELZE GmbH & C...
T60404-E4626-X501 VACUUMSCHMELZE-T60404-E4626-X501 Datasheet
106Kb / 2P
   Current Transformer
T60404-E4626-X121 VACUUMSCHMELZE-T60404-E4626-X121 Datasheet
58Kb / 2P
   Current Transformer
T60404-E4625-X101 VACUUMSCHMELZE-T60404-E4625-X101 Datasheet
41Kb / 2P
   Current Transformer
T60403-F4215-X025 VACUUMSCHMELZE-T60403-F4215-X025 Datasheet
31Kb / 2P
   Current Transformer
T60404-E4627-X101 VACUUMSCHMELZE-T60404-E4627-X101 Datasheet
46Kb / 2P
   Current Transformer
T60404-E4626-X131 VACUUMSCHMELZE-T60404-E4626-X131 Datasheet
68Kb / 2P
   Current Transformer
logo
Rhombus Industries Inc.
T-1171 RHOMBUS-IND-T-1171 Datasheet
20Kb / 1P
   CURRENT TRANSFORMER
logo
VACUUMSCHMELZE GmbH & C...
T60404-E4622-X012 VACUUMSCHMELZE-T60404-E4622-X012 Datasheet
125Kb / 2P
   Current transformer
T60404-E4626-X151 VACUUMSCHMELZE-T60404-E4626-X151 Datasheet
174Kb / 2P
   Current Transformer
T60404-E4625-X501 VACUUMSCHMELZE-T60404-E4625-X501 Datasheet
46Kb / 2P
   Current Transformer
T60404-E4629-X007 VACUUMSCHMELZE-T60404-E4629-X007 Datasheet
38Kb / 2P
   Current Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com