Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSS-4832-680R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DSS-4832-680R
Description  Surface Mount Drum Core Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DSS-4832-680R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DSS-4832-680R Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
SwitchmodePower
TransformingMagneticsTM
Midcom, Inc. USA
Midcom, Inc. China
121 Airport Drive - PO Box 1330
10/F Spectrum Tower 53 Hung to Road
Watertown, SD 57201
Kwun Tong, Kowloon, HK
T: 605.886.4385 ~ F: 605.886.4486
T: 852.2320.4221 ~ F: 852.2352.3272
www.midcom-inc.com ~ email:sales@midcom-inc.com
www.midcom.com.cn ~ email:sye@midcom-inc.com
07/16/04
Details subject to change. Contact your Midcom sales representative for additional information. Dimensions: in/mm. All tolerances are ± .010/0,25 and electrical specifications are @ 25°C unless otherwise specified.
Features
• Magnetically shielded, SMD power
inductors
• Small footprint with low-profile package
• Inductance range: 1.2 uH to 1000 uH
• Saturating current to 9.8ADC
• DC Resistances as low as 0.007 Ohms
• High energy storage capability
• Flat top for pick and place operations
• Tape and reel packaging for automatic
handling
Applications
• DC/DC Converters, high efficiency
shielded applications
• Second stage filters
Environmental Specifications
• Operating temperature range: -40°C to
85°C
• Storage temperature range: -50° to
+125°C
Packaging
• DSS-4832 is packaged 500 pieces per
reel
NOTES:
1 DCR limits at 20
°C
2 Saturating DC current for approximately 35% rolloff from initial inductance
Surface Mount Drum Core
Power Inductors: DSS-4832 Series
r
e
b
m
u
N
t
r
a
Pe
c
n
a
t
c
u
d
n
I
%
0
2
-
/
+
H
u
)
1
e
t
o
N
(
R
C
D
)
x
a
m
s
m
h
o
(
)
2
e
t
o
N
(
t
a
s
I
)
x
a
m
c
d
A
(
r
e
b
m
u
N
t
r
a
P
e
c
n
a
t
c
u
d
n
I
%
0
2
-
/
+
H
u
)
1
e
t
o
N
(
R
C
D
)
x
a
m
s
m
h
o
(
)
2
e
t
o
N
(
t
a
s
I
)
x
a
m
c
d
A
(
R
2
R
1
-
2
3
8
4
-
S
S
D
0
2
.
1
0
7
0
0
.
0
0
8
.
9
R
0
8
6
-
2
3
8
4
-
S
S
D
0
0
.
8
6
0
4
1
.
0
0
1
.
2
R
4
R
2
-
2
3
8
4
-
S
S
D0
4
.
25
1
1
0
.
00
0
.
8R
0
2
8
-
2
3
8
4
-
S
S
D0
0
.
2
80
6
1
.
05
9
.
1
R
5
R
3
-
2
3
8
4
-
S
S
D
0
5
.
3
5
3
1
0
.
0
0
5
.
7
R
1
0
1
-
2
3
8
4
-
S
S
D
0
0
.
0
0
1
0
2
2
.
0
0
7
.
1
R
7
R
4
-
2
3
8
4
-
S
S
D0
7
.
48
5
1
0
.
00
8
.
6R
1
2
1
-
2
3
8
4
-
S
S
D0
0
.
0
2
10
5
2
.
00
6
.
1
R
1
R
6
-
2
3
8
4
-
S
S
D
0
1
.
6
6
7
1
0
.
0
0
6
.
6
R
1
5
1
-
2
3
8
4
-
S
S
D
0
0
.
0
5
1
0
8
2
.
0
2
4
.
1
R
6
R
7
-
2
3
8
4
-
S
S
D0
6
.
70
0
2
0
.
00
9
.
5R
1
8
1
-
2
3
8
4
-
S
S
D0
0
.
0
8
10
5
3
.
00
3
.
1
R
0
0
1
-
2
3
8
4
-
S
S
D
0
0
.
0
1
6
1
2
0
.
0
0
4
.
5
R
1
2
2
-
2
3
8
4
-
S
S
D
0
0
.
0
2
2
0
9
3
.
0
6
1
.
1
R
0
2
1
-
2
3
8
4
-
S
S
D0
0
.
2
13
4
2
0
.
00
9
.
4R
1
7
2
-
2
3
8
4
-
S
S
D0
0
.
0
7
20
6
5
.
06
0
.
1
R
0
5
1
-
2
3
8
4
-
S
S
D
0
0
.
5
1
0
7
2
0
.
0
0
5
.
4
R
1
3
3
-
2
3
8
4
-
S
S
D
0
0
.
0
3
3
0
4
6
.
0
0
5
9
.
0
R
0
8
1
-
2
3
8
4
-
S
S
D0
0
.
8
12
9
3
0
.
00
9
.
3R
1
9
3
-
2
3
8
4
-
S
D
D0
0
.
0
9
30
0
7
.
00
8
8
.
0
R
0
2
2
-
2
3
8
4
-
S
S
D
0
0
.
2
2
2
3
4
0
.
0
0
6
.
3
R
1
7
4
-
2
3
8
4
-
S
D
D
0
0
.
0
7
4
0
8
9
.
0
0
9
7
.
0
R
0
7
2
-
2
3
8
4
-
S
S
D0
0
.
7
29
5
4
0
.
00
4
.
3R
1
6
5
-
2
3
8
4
-
S
D
D0
0
.
0
6
57
0
.
10
3
9
.
0
R
0
3
3
-
2
3
8
4
-
S
S
D
0
0
.
3
3
8
4
6
0
.
0
0
0
.
3
R
1
8
6
-
2
3
8
4
-
S
D
D
0
0
.
0
8
6
6
4
.
1
0
7
6
.
0
R
0
9
3
-
2
3
8
4
-
S
S
D0
0
.
9
39
2
7
0
.
05
7
.
2R
1
2
8
-
2
3
8
4
-
S
D
D0
0
.
0
2
84
6
.
10
0
6
.
0
R
0
7
4
-
2
3
8
4
-
S
S
D
0
0
.
7
4
0
0
1
.
0
0
5
.
2
R
2
0
1
-
2
3
8
4
-
S
D
D
0
0
.
0
0
0
1
2
8
.
1
0
5
5
.
0
R
0
6
5
-
2
3
8
4
-
S
S
D0
0
.
6
50
1
1
.
05
3
.
2
S
F


Similar Part No. - DSS-4832-680R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
DSS-401LA00B MITSUBISHI-DSS-401LA00B Datasheet
259Kb / 11P
   DIA SURGE SUPPRESSOR (DSS)
DSS-401LA00F MITSUBISHI-DSS-401LA00F Datasheet
259Kb / 11P
   DIA SURGE SUPPRESSOR (DSS)
DSS-401LA00R MITSUBISHI-DSS-401LA00R Datasheet
259Kb / 11P
   DIA SURGE SUPPRESSOR (DSS)
DSS-401LA04B MITSUBISHI-DSS-401LA04B Datasheet
259Kb / 11P
   DIA SURGE SUPPRESSOR (DSS)
DSS-401LA04F MITSUBISHI-DSS-401LA04F Datasheet
259Kb / 11P
   DIA SURGE SUPPRESSOR (DSS)
More results

Similar Description - DSS-4832-680R

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8403-XXX FILTRAN-8403-XXX Datasheet
193Kb / 1P
   Inductors Surface Mount Drum Core Power Inductors
8400-XXX FILTRAN-8400-XXX Datasheet
70Kb / 1P
   Inductors Surface Mount Drum Core Power Inductors
8404-XXX FILTRAN-8404-XXX Datasheet
193Kb / 1P
   Inductors Surface Mount Drum Core Power Inductors
8405-XXX FILTRAN-8405-XXX Datasheet
194Kb / 1P
   Inductors Surface Mount Drum Core Power Inductors
logo
Rhombus Industries Inc.
L-19513 RHOMBUS-IND-L-19513 Datasheet
16Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
L-19530 RHOMBUS-IND-L-19530 Datasheet
16Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
L-19553 RHOMBUS-IND-L-19553 Datasheet
16Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
L-19549 RHOMBUS-IND-L-19549 Datasheet
16Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
L-19500 RHOMBUS-IND-L-19500 Datasheet
15Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
L-19555 RHOMBUS-IND-L-19555 Datasheet
16Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com