Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCH895NP-4R6M Datasheet(PDF) 6 Page - Sumida Corporation

Part # RCH895NP-4R6M
Description  PIN Power Inductor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH895NP-4R6M Datasheet(HTML) 6 Page - Sumida Corporation

  RCH895NP-4R6M Datasheet HTML 1Page - Sumida Corporation RCH895NP-4R6M Datasheet HTML 2Page - Sumida Corporation RCH895NP-4R6M Datasheet HTML 3Page - Sumida Corporation RCH895NP-4R6M Datasheet HTML 4Page - Sumida Corporation RCH895NP-4R6M Datasheet HTML 5Page - Sumida Corporation RCH895NP-4R6M Datasheet HTML 6Page - Sumida Corporation RCH895NP-4R6M Datasheet HTML 7Page - Sumida Corporation RCH895NP-4R6M Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Page 6 of 8
Revised: 7-Jan-14
PIN
PIN
PIN
PIN Power Inductor
Power Inductor
Power Inductor
Power Inductor
RCH-895
0
400
800
1200
1600
2000
2400
0.0
0.1
0.2
0.3
0.4
0
10
20
30
40
50
60
0
300
600
900
1200
1500
1800
0.0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
60
0
300
600
900
1200
1500
1800
0.0 0.1 0.2 0.3 0.4 0.5 0.6
0
10
20
30
40
50
60
0
200
400
600
800
1000
1200
0.0 0.1 0.2 0.3 0.4 0.5 0.6
0
10
20
30
40
50
60
0
150
300
450
600
750
900
0.0 0.1 0.2 0.3 0.4 0.5 0.6
0
10
20
30
40
50
60
0
150
300
450
600
750
900
0.0 0.1 0.2 0.3 0.4 0.5 0.6
0
10
20
30
40
50
60
0
150
300
450
600
750
900
0.0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0
100
200
300
400
500
600
0.0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0
80
160
240
320
400
480
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
0
60
120
180
240
300
360
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
0
60
120
180
240
300
360
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
0
40
80
120
160
200
240
0.0 0.2 0.4 0.6 0.8 1.0 1.2
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
25. RCH895NP-221K
△T (℃)
L (
μH)
26. RCH895NP-271K
△T (℃)
L (
μH)
27. RCH895NP-331K
L (
μH)
DC (A)
29. RCH895NP-471K
△T (℃)
L (
μH)
30. RCH895NP-561K
31. RCH895NP-681K
△T (℃)
L (
μH)
32. RCH895NP-821K
△T (℃)
L (
μH)
DC (A)
28. RCH895NP-391K
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
33. RCH895NP-102K
△T (℃)
L (
μH)
DC (A)
DC (A)
L (20
℃)
△T
L (100
℃)
34. RCH895NP-122K
△T (℃)
L (
μH)
DC (A)
35. RCH895NP-152K
△T (℃)
L (
μH)
DC (A)
36. RCH895NP-182K
△T (℃)
L (
μH)
DC (A)


Similar Part No. - RCH895NP-4R6M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH895NP-4R6M SUMIDA-RCH895NP-4R6M Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
More results

Similar Description - RCH895NP-4R6M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-664 SUMIDA-RCH-664_14 Datasheet
298Kb / 6P
   PIN Power Inductor
RCH4764B SUMIDA-RCH4764B Datasheet
176Kb / 4P
   PIN Power Inductor
RCR1616 SUMIDA-RCR1616_14 Datasheet
239Kb / 5P
   PIN Power Inductor
RCH8011 SUMIDA-RCH8011_14 Datasheet
238Kb / 5P
   PIN Power Inductor
RCH109 SUMIDA-RCH109_14 Datasheet
238Kb / 5P
   PIN Power Inductor
R58 SUMIDA-R58_14 Datasheet
188Kb / 4P
   PIN Power Inductor
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RCH8010 SUMIDA-RCH8010 Datasheet
428Kb / 4P
   PIN Power Inductor
RCR-110D SUMIDA-RCR-110D_14 Datasheet
235Kb / 5P
   PIN Power Inductor
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
   PIN Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com