Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCH664NP-470K Datasheet(PDF) 1 Page - Sumida Corporation

Part # RCH664NP-470K
Description  PIN Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH664NP-470K Datasheet(HTML) 1 Page - Sumida Corporation

  RCH664NP-470K Datasheet HTML 1Page - Sumida Corporation RCH664NP-470K Datasheet HTML 2Page - Sumida Corporation RCH664NP-470K Datasheet HTML 3Page - Sumida Corporation RCH664NP-470K Datasheet HTML 4Page - Sumida Corporation RCH664NP-470K Datasheet HTML 5Page - Sumida Corporation RCH664NP-470K Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1 of 6
Revised: 7-Jan-14
PIN
PIN
PIN
PIN Power Inductor
Power Inductor
Power Inductor
Power Inductor
RCH-664
Description
• Ferrite drum core construction.
• Magnetically unshielded.
• L
×W×H: 6.5×6.5×6.5mm Max.
• Product weight: 0.7 g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+100℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+100℃
Packaging
• Box packaging.
Applications
• Ideally used in Printers, LCD TV, DVD, Copy
Machine, Mainboard of the compounding
machines etc. as DC-DC Converter inductors.
RoHS
Dimension - [mm]
Schematics - [mm]
Halogen
Free
MAX.6.5
4.0
±1.0
φ6.0±0.5
φ
0.
5-
0.
05
+0
.1
4.
0.
3


Similar Part No. - RCH664NP-470K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH664NP-470K SUMIDA-RCH664NP-470K Datasheet
167Kb / 2P
   Power Inductor< Pin Type: RCH Series>
More results

Similar Description - RCH664NP-470K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH4764B SUMIDA-RCH4764B Datasheet
176Kb / 4P
   PIN Power Inductor
RCR1616 SUMIDA-RCR1616_14 Datasheet
239Kb / 5P
   PIN Power Inductor
RCH8011 SUMIDA-RCH8011_14 Datasheet
238Kb / 5P
   PIN Power Inductor
RCH109 SUMIDA-RCH109_14 Datasheet
238Kb / 5P
   PIN Power Inductor
R58 SUMIDA-R58_14 Datasheet
188Kb / 4P
   PIN Power Inductor
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RCH8010 SUMIDA-RCH8010 Datasheet
428Kb / 4P
   PIN Power Inductor
RCR-110D SUMIDA-RCR-110D_14 Datasheet
235Kb / 5P
   PIN Power Inductor
RCH-895 SUMIDA-RCH-895_14 Datasheet
352Kb / 8P
   PIN Power Inductor
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
   PIN Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com