Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCH108NP-2R7M Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCH108NP-2R7M
Description  PIN Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH108NP-2R7M Datasheet(HTML) 2 Page - Sumida Corporation

  RCH108NP-2R7M Datasheet HTML 1Page - Sumida Corporation RCH108NP-2R7M Datasheet HTML 2Page - Sumida Corporation RCH108NP-2R7M Datasheet HTML 3Page - Sumida Corporation RCH108NP-2R7M Datasheet HTML 4Page - Sumida Corporation RCH108NP-2R7M Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 7-Jan-14
PIN
PIN
PIN
PIN Power Inductor
Power Inductor
Power Inductor
Power Inductor
RCH-108
Electrical Characteristics
※1: Inductance measuring condition: 2.2μH~8.2μH
at
7.96MHz
10
μH~1.0mH
at
1kHz
※2: The rated current indicates the lower value of current when the inductance is 10% lower than its initial value at D.C.
superposition or the temperature of coil rises 40
℃ with D.C. current passing. (Ta=20℃)
0.45
2.1
1.0mH ± 10 %
102K
RCH108NP-102K
0.60
0.55
0.50
1.2
1.4
1.8
560μH ± 10 %
680μH ± 10 %
820μH ± 10 %
561K
681K
821K
RCH108NP-561K
RCH108NP-681K
RCH108NP-821K
0.79
0.72
0.66
0.69
0.78
1.0
330μH ± 10 %
390μH ± 10 %
470μH ± 10 %
331K
391K
471K
RCH108NP-331K
RCH108NP-391K
RCH108NP-471K
1.1
0.96
0.87
0.35
0.45
0.61
180μH ± 10 %
220μH ± 10 %
270μH ± 10 %
181K
221K
271K
RCH108NP-181K
RCH108NP-221K
RCH108NP-271K
1.4
1.3
1.2
0.21
0.24
0.32
100μH ± 10 %
120μH ± 10 %
150μH ± 10 %
101K
121K
151K
RCH108NP-101K
RCH108NP-121K
RCH108NP-151K
1.9
1.7
1.6
0.13
0.14
0.16
56μH ± 10 %
68μH ± 10 %
82μH ± 10 %
560K
680K
820K
RCH108NP-560K
RCH108NP-680K
RCH108NP-820K
2.5
2.3
2.1
0.079
0.087
0.099
33μH ± 10 %
39μH ± 10 %
47μH ± 10 %
330K
390K
470K
RCH108NP-330K
RCH108NP-390K
RCH108NP-470K
3.4
3.1
2.8
0.049
0.055
0.062
18μH ± 20 %
22μH ± 20 %
27μH ± 20 %
180M
220M
270M
RCH108NP-180M
RCH108NP-220M
RCH108NP-270M
4.5
4.1
3.7
0.027
0.031
0.036
10μH ± 20 %
12μH ± 20 %
15μH ± 20 %
100M
120M
150M
RCH108NP-100M
RCH108NP-120M
RCH108NP-150M
5.7
5.3
5.0
11.7m
15.3m
17.0m
4.7μH ± 20 %
6.2μH ± 20 %
8.2μH ± 20 %
4R7M
6R2M
8R2M
RCH108NP-4R7M
RCH108NP-6R2M
RCH108NP-8R2M
7.9
7.2
6.3
8.5m
9.6m
10.9
2.2μH ± 20 %
2.7μH ± 20 %
3.7μH ± 20 %
2R2M
2R7M
3R7M
RCH108NP-2R2M
RCH108NP-2R7M
RCH108NP-3R7M
RATED
CURRENT
(A)
※2
D.C.R.
(Ω)
[MAX.]
(at 20℃)
INDUCTANCE
[WITHIN]
※1
STAMP
PART NO.


Similar Part No. - RCH108NP-2R7M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH108NP-2R7M SUMIDA-RCH108NP-2R7M Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
More results

Similar Description - RCH108NP-2R7M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-664 SUMIDA-RCH-664_14 Datasheet
298Kb / 6P
   PIN Power Inductor
RCH4764B SUMIDA-RCH4764B Datasheet
176Kb / 4P
   PIN Power Inductor
RCR1616 SUMIDA-RCR1616_14 Datasheet
239Kb / 5P
   PIN Power Inductor
RCH8011 SUMIDA-RCH8011_14 Datasheet
238Kb / 5P
   PIN Power Inductor
RCH109 SUMIDA-RCH109_14 Datasheet
238Kb / 5P
   PIN Power Inductor
R58 SUMIDA-R58_14 Datasheet
188Kb / 4P
   PIN Power Inductor
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RCH8010 SUMIDA-RCH8010 Datasheet
428Kb / 4P
   PIN Power Inductor
RCR-110D SUMIDA-RCR-110D_14 Datasheet
235Kb / 5P
   PIN Power Inductor
RCH-895 SUMIDA-RCH-895_14 Datasheet
352Kb / 8P
   PIN Power Inductor
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
   PIN Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com