Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCH875NP-221K Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCH875NP-221K
Description  PIN Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH875NP-221K Datasheet(HTML) 2 Page - Sumida Corporation

  RCH875NP-221K Datasheet HTML 1Page - Sumida Corporation RCH875NP-221K Datasheet HTML 2Page - Sumida Corporation RCH875NP-221K Datasheet HTML 3Page - Sumida Corporation RCH875NP-221K Datasheet HTML 4Page - Sumida Corporation RCH875NP-221K Datasheet HTML 5Page - Sumida Corporation RCH875NP-221K Datasheet HTML 6Page - Sumida Corporation RCH875NP-221K Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7
Revised: 7-Jan-14
PIN
PIN
PIN
PIN Power Inductor
Power Inductor
Power Inductor
Power Inductor
RCH-875
Electrical Characteristics
0.29
0.44
1.17
390
± 10%
391K
RCH875NP-391K
0.30
0.46
1.05
330
± 10%
331K
RCH875NP-331K
0.32
0.51
0.88
270
± 10%
271K
RCH875NP-271K
0.38
0.57
0.63
220
± 10%
221K
RCH875NP-221K
0.41
0.66
0.57
180
± 10%
181K
RCH875NP-181K
0.46
0.72
0.42
150
± 10%
151K
RCH875NP-151K
0.50
0.81
0.36
120
± 10%
121K
RCH875NP-121K
0.59
0.89
0.35
100
± 10%
101K
RCH875NP-101K
0.63
1.0
0.24
82
± 10%
820K
RCH875NP-820K
0.68
1.1
0.20
68
± 10%
680K
RCH875NP-680K
0.73
1.2
0.18
56
± 10%
560K
RCH875NP-560K
0.90
1.3
0.15
47
± 10%
470K
RCH875NP-470K
0.95
1.3
0.14
39
± 10%
390K
RCH875NP-390K
1.0
1.5
0.13
33
± 10%
330K
RCH875NP-330K
1.0
1.7
0.11
27
± 10%
270K
RCH875NP-270K
1.2
1.8
0.09
22
± 10%
220K
RCH875NP-220K
1.3
1.9
0.08
18
± 10%
180K
RCH875NP-180K
1.4
2.2
0.07
15
± 10%
150K
RCH875NP-150K
1.8
2.5
0.06
12
± 20%
120M
RCH875NP-120M
2.1
2.9
0.05
10
± 20%
100M
RCH875NP-100M
2.2
3.1
26.5m
8.2
± 20%
8R2M
RCH875NP-8R2M
2.3
3.4
24.2m
7.1
± 20%
7R1M
RCH875NP-7R1M
2.5
4.0
22.2m
6.0
± 20%
6R0M
RCH875NP-6R0M
2.6
4.2
21.2m
5.1
± 20%
5R1M
RCH875NP-5R1M
2.7
4.5
19.1m
4.4
± 20%
4R4M
RCH875NP-4R4M
2.8
4.7
17.2m
3.5
± 20%
3R5M
RCH875NP-3R5M
2.9
5.0
15.3m
2.8
± 20%
2R8M
RCH875NP-2R8M
3.0
5.8
13.7m
2.2
± 20%
2R2M
RCH875NP-2R2M
Temperature
Rise Current
(A)
※3
Saturation Current
(
A) ※2
D.C.R (
Ω)
[Max.]
(at20
℃)
Inductance
(μH)
[ within ]
※1
Stamp
Part Name


Similar Part No. - RCH875NP-221K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH875NP-221K SUMIDA-RCH875NP-221K Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
More results

Similar Description - RCH875NP-221K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-664 SUMIDA-RCH-664_14 Datasheet
298Kb / 6P
   PIN Power Inductor
RCH4764B SUMIDA-RCH4764B Datasheet
176Kb / 4P
   PIN Power Inductor
RCR1616 SUMIDA-RCR1616_14 Datasheet
239Kb / 5P
   PIN Power Inductor
RCH8011 SUMIDA-RCH8011_14 Datasheet
238Kb / 5P
   PIN Power Inductor
RCH109 SUMIDA-RCH109_14 Datasheet
238Kb / 5P
   PIN Power Inductor
R58 SUMIDA-R58_14 Datasheet
188Kb / 4P
   PIN Power Inductor
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RCH8010 SUMIDA-RCH8010 Datasheet
428Kb / 4P
   PIN Power Inductor
RCR-110D SUMIDA-RCR-110D_14 Datasheet
235Kb / 5P
   PIN Power Inductor
RCH-895 SUMIDA-RCH-895_14 Datasheet
352Kb / 8P
   PIN Power Inductor
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
   PIN Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com