Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM94 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM94
Description  Hardware Monitor with PI Loop Fan Control for Server Management
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM94 Datasheet(HTML) 1 Page - Texas Instruments

  LM94 Datasheet HTML 1Page - Texas Instruments LM94 Datasheet HTML 2Page - Texas Instruments LM94 Datasheet HTML 3Page - Texas Instruments LM94 Datasheet HTML 4Page - Texas Instruments LM94 Datasheet HTML 5Page - Texas Instruments LM94 Datasheet HTML 6Page - Texas Instruments LM94 Datasheet HTML 7Page - Texas Instruments LM94 Datasheet HTML 8Page - Texas Instruments LM94 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
LM94
www.ti.com
SNAS264C – APRIL 2006 – REVISED MARCH 2013
LM94 TruTherm™ Hardware Monitor with PI Loop Fan Control for Server Management
Check for Samples: LM94
1
FEATURES
2-wire Serial Digital Interface, SMBus 2.0
Compliant
23
8-bit
ΣΔ ADC
Supports Byte/block Read and Write
Monitors 16 Power Supplies
Selectable Slave Address (Tri-level Pin
Monitors 4 Remote Thermal Diodes and 2
Selects 1 of 3 Possible Addresses)
LM60
ALERT Output Supports Interrupt or
New TruTherm Technology Support for
Comparator Modes
Precision Thermal Diode Measurements
2.5V Reference Voltage Output
Internal Ambient Temperature Sensing
56-pin TSSOP Package
Programmable Autonomous Fan Control
XOR-tree Test Mode
Based on Temperature Readings with Fan
Boost Support
APPLICATIONS
Fan Boost Support on Tachometer Limit Error
Event
Servers
Fan Control Based on 13-step Lookup Table or
Workstations
PI Control Loop or Combination of Both
Multi-processor based equipment
PI Fan Control Loop Supports Tcontrol
KEY SPECIFICATIONS
Temperature Reading Digital Filters
Voltage Measurement Accuracy ... ±2% FS
0.5°C digital Temperature Sensor Resolution
(max)
0.0625°C Filtered Temperature Resolution for
Temperature Resolution ... 9-bits, 0.5°C
Fan Control
Temperature Sensor Accuracy ... ±2.5 °C (max)
2 PWM Fan Speed Control Outputs
Temperature Range:
4 Fan Tachometer Inputs
LM94 Operational ... 0°C to +85°C
Dual Processor Thermal Throttling (PROCHOT)
Monitoring
Remote Temp Accuracy ... 0°C to +125°C
Dual Dynamic VID Monitoring (6/7 VIDs per
Power Supply Voltage ... +3.0V to +3.6V
processor) Supports VRD10.2/11
Power Supply Current ... 1.6 mA
8 General Purpose I/Os:
DESCRIPTION
4 Can be Configured as Fan tachometer
Inputs
The LM94 hardware monitor has a two wire digital
interface compatible with SMBus 2.0. Using a
ΣΔ
2 Can be Configured to Connect to
ADC, the LM94 measures the temperature of four
Processor THERMTRIP
remote diode connected transistors as well as its own
2 are Standard GPIOs that Could be Used
die and 16 power supply voltages. The LM94 has
to Monitor IERR Signal
new TruTherm technology that supports precision
thermal diode measurements of processors on sub-
2 General Purpose Inputs that Can be Used to
micron processes.
Monitor the 7th VID Signal for VRD11
Limit Register Comparisons of all Monitored
Values
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of dcl_owner.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM94

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM94 NSC-LM94 Datasheet
697Kb / 24P
   TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
logo
Telit loT Solutions
LM940 TELIT-LM940 Datasheet
148Kb / 2P
   LTE 600/75 | HSPA 42.0/11.5 mPCIe
logo
National Semiconductor ...
LM94021 NSC-LM94021 Datasheet
680Kb / 13P
   Multi-Gain Analog Temperature Sensor
logo
Texas Instruments
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
LM94021-Q1 TI1-LM94021-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
More results

Similar Description - LM94

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM94 NSC-LM94 Datasheet
697Kb / 24P
   TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
LM93 NSC-LM93 Datasheet
654Kb / 92P
   Hardware Monitor with Integrated Fan Control for Server Management
logo
Texas Instruments
LM93 TI1-LM93 Datasheet
1Mb / 95P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control for Server Management
logo
National Semiconductor ...
LM96194 NSC-LM96194 Datasheet
529Kb / 24P
   TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
LM96000 NSC-LM96000 Datasheet
695Kb / 28P
   Hardware Monitor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7611 ETC2-ASC7611 Datasheet
508Kb / 40P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM85 NSC-LM85 Datasheet
261Kb / 26P
   Hardware Monitor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7621 ETC2-ASC7621 Datasheet
574Kb / 50P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
Texas Instruments
LM96000 TI1-LM96000 Datasheet
1Mb / 40P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control
logo
Grenergy Opto, lnc.
GR5300 GRENERGY-GR5300 Datasheet
442Kb / 6P
   Monitor and Timing Management for Single-Loop NiMH Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com