Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM94 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM94
Description  Hardware Monitor with PI Loop Fan Control for Server Management
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM94 Datasheet(HTML) 2 Page - Texas Instruments

  LM94 Datasheet HTML 1Page - Texas Instruments LM94 Datasheet HTML 2Page - Texas Instruments LM94 Datasheet HTML 3Page - Texas Instruments LM94 Datasheet HTML 4Page - Texas Instruments LM94 Datasheet HTML 5Page - Texas Instruments LM94 Datasheet HTML 6Page - Texas Instruments LM94 Datasheet HTML 7Page - Texas Instruments LM94 Datasheet HTML 8Page - Texas Instruments LM94 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 112 page
background image
CONFIGURATION AND
IDENTIFICATION
REGISTERS
8-Bit
6' ADC
VOLTAGE
REFERENCE
INPUT
ATTENUATORS,
EXTERNAL DIODE
SIGNAL
CONDITIONING,
AND
ANALOG
MULTIPLEXER
ADDRESS POINTER
REGISTER
STEPPING AND
DEVICE ID
REGISTERS
VDD
SERIAL BUS
INTERFACE
SMBDAT
Address Select
PROCHOT AND VRD_HOT
DETECT/CONTROL
LOGIC
DYNAMIC VCCP MONITORING
*Note: These pins may be used for ±12V with external
resistor dividers. The thevenin equivalent resistance at
the pin must be between 1k and 7k.
SMBCLK
FAN TACH/
GPIO/GPI
GPIO_0/TACH1
GPIO_1/TACH2
GPIO_2/TACH3
GPIO_3/TACH4
GPIO_4
GPIO_5
ALERT/XtestOut
VALUE REGISTERS
LIMIT REGISTERS
HOST STATUS REGISTERS
BMC STATUS REGISTERS
FAN CONTROL
CONFIG REGISTERS,
LOOKUP TABLES,
and PI LOOP
PARAMETERS
SLEEP STATE CONTROL
AND MASK REGISTERS
GPI AND OTHER
MASK REGISTERS
TEMPERATURE
READING DIGITAL
FILTER
PWM
FAN
CONTROL
PWM1
PWM2
GPIO_6
GPIO_7
GPI8
GPI9
+
-
VREF
VREF (2.5V)
3.3SBY (AD_IN 16)
AD_IN2(1.236V)/REMOTE2b+*
AD_IN3(1.236V)*
AD_IN10(6.67V)
P1_PROCHOT
REMOTE1a+
REMOTE1-
REMOTE2-
REMOTE2a+
AD_IN12(2.625V)
AD_IN13(1.312V)
AD_IN14(1.312V)
AD_IN1(1.236V)/REMOTE1b+*
AD_IN4(1.6V)
AD_IN5(2V)
AD_IN6(2V)
AD_IN9(4.4V)
P2_VID0/P2_VID7
P2_VID6
P1_VID0/P1_VID7
P1_VID6
AD_IN8(1.6V;P2_Vccp)
AD_IN7(1.6V;P1_Vccp)
AD_IN11(3.33V)
P2_PROCHOT
P1_VRD_HOT
P2_VRD_HOT
AD_IN15(1.236V)*
INTERNAL TEMP
SENSOR
RESET#
LM94
SNAS264C – APRIL 2006 – REVISED MARCH 2013
www.ti.com
Description
(continued)
To set fan speed, the LM94 has two PWM outputs that are each controlled by up to six temperature zones. The
fan-control algorithm can be based on a lookup table, PI (proportional/integral) control loop, or a combination of
both. The LM94 includes digital filters that can be invoked to smooth temperature readings for better control of
fan speed such that acoustical noise is minimized. The LM94 has four tachometer inputs to measure fan speed.
Limit and status registers for all measured values are included.
The LM94 builds upon the functionality of previous motherboard server management ASICs, such as the LM93.
It also adds measurement and control support for dynamic Vccp monitoring for VRD10/11 and PROCHOT. It is
designed to monitor a dual processor Xeon class motherboard with a minimum of external components.
Block Diagram
The block diagram of LM94 hardware is illustrated below. The hardware implementation is a single chip ASIC
solution.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM94


Similar Part No. - LM94

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM94 NSC-LM94 Datasheet
697Kb / 24P
   TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
logo
Telit loT Solutions
LM940 TELIT-LM940 Datasheet
148Kb / 2P
   LTE 600/75 | HSPA 42.0/11.5 mPCIe
logo
National Semiconductor ...
LM94021 NSC-LM94021 Datasheet
680Kb / 13P
   Multi-Gain Analog Temperature Sensor
logo
Texas Instruments
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
LM94021-Q1 TI1-LM94021-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
More results

Similar Description - LM94

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM94 NSC-LM94 Datasheet
697Kb / 24P
   TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
LM93 NSC-LM93 Datasheet
654Kb / 92P
   Hardware Monitor with Integrated Fan Control for Server Management
logo
Texas Instruments
LM93 TI1-LM93 Datasheet
1Mb / 95P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control for Server Management
logo
National Semiconductor ...
LM96194 NSC-LM96194 Datasheet
529Kb / 24P
   TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
LM96000 NSC-LM96000 Datasheet
695Kb / 28P
   Hardware Monitor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7611 ETC2-ASC7611 Datasheet
508Kb / 40P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM85 NSC-LM85 Datasheet
261Kb / 26P
   Hardware Monitor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7621 ETC2-ASC7621 Datasheet
574Kb / 50P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
Texas Instruments
LM96000 TI1-LM96000 Datasheet
1Mb / 40P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control
logo
Grenergy Opto, lnc.
GR5300 GRENERGY-GR5300 Datasheet
442Kb / 6P
   Monitor and Timing Management for Single-Loop NiMH Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com