Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37C669 Datasheet(PDF) 11 Page - SMSC Corporation

Part # FDC37C669
Description  PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C669 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button FDC37C669 Datasheet HTML 7Page - SMSC Corporation FDC37C669 Datasheet HTML 8Page - SMSC Corporation FDC37C669 Datasheet HTML 9Page - SMSC Corporation FDC37C669 Datasheet HTML 10Page - SMSC Corporation FDC37C669 Datasheet HTML 11Page - SMSC Corporation FDC37C669 Datasheet HTML 12Page - SMSC Corporation FDC37C669 Datasheet HTML 13Page - SMSC Corporation FDC37C669 Datasheet HTML 14Page - SMSC Corporation FDC37C669 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 164 page
background image
11
DESCRIPTION OF PIN FUNCTIONS
QFP/
TQFP
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
84,86
nRing Indicator
nRI1
nRI2
I
Active low Ring Indicator inputs for the
serial port. Handshake signal which notifies
the UART that the telephone ring signal is
detected by the modem.
The CPU can
monitor the status of nRI signal by reading
bit 6 of Modem Status Register (MSR). A
nRI signal state change from low to high
after the last MSR read will set MSR bit 2 to
a 1. If bit 3 of Interrupt Enable Register is
set, the interrupt is generated when nRI
changes state. Note: Bit 6 of MSR is the
complement of nRI.
PARALLEL PORT INTERFACE
73
nPrinter Select
Input
nSLCTIN
OD24
0P24
This active low output selects the printer.
This is the complement of bit 3 of the Printer
Control Register.
Refer to Parallel Port description for use of
this pin in ECP and EPP mode.
74
nInitiate Output
nINIT
OD24
0P24
This output is bit 2 of the printer control
register. This is used to initiate the printer
when low.
Refer to Parallel Port description for use of
this pin in ECP and EPP mode.
76
nAutofeed
Output
nAUTOFD
OD24
0P24
This output goes low to cause the printer to
automatically feed one line after each line is
printed.
The nAUTOFD output is the
complement of bit 1 of the Printer Control
Register.
Refer to Parallel Port description for use of
this pin in ECP and EPP mode.


Similar Part No. - FDC37C669

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
   PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
logo
Agilent(Hewlett-Packard...
FDC37C669FR HP-FDC37C669FR Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
More results

Similar Description - FDC37C669

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
   PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
logo
SMSC Corporation
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
37M602 SMSC-37M602 Datasheet
650Kb / 182P
   ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
SMSC Corporation
FDC37C665IR SMSC-FDC37C665IR Datasheet
562Kb / 162P
   3/5 Volt Advanced High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controller with Infranred Support
FDC37N769 SMSC-FDC37N769_07 Datasheet
669Kb / 137P
   3.3V Super I/O Controller with Infrared Support for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com