Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

221ADC10 Datasheet(PDF) 1 Page - CTS Corporation

Part # 221ADC10
Description  Rotary DIP Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

221ADC10 Datasheet(HTML) 1 Page - CTS Corporation

  221ADC10 Datasheet HTML 1Page - CTS Corporation 221ADC10 Datasheet HTML 2Page - CTS Corporation 221ADC10 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
h Options
c
t
i
w
S
10,16 positions
e
c
n
a
t
s
i
s
e
R
t
c
a
t
n
o
C
h
c
t
i
w
S
m
u
m
i
x
a
m
s
m
h
o
il
li
m
0
8
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
I
1000 Megohms minimum bet ween
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
D
350 VAC for 1 minute between
adjacent terminals
g
n
i
t
a
R
Maximum
C
D
V
0
5
A
m
0
0
1
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
C
°
5
8
+
o
t
C
°
40
-
e
f
i
L
n
o
i
t
a
u
t
c
A
Electrical and Mechanical Specifications
10x10mm Compact
Rotary DIP Switch
Features
Optimized Mechanical Features
• Standard through hole and surface mount gull-wing
terminal configurations
Optimized Contact System
• Robust wiping contact
• Precise detents
Gold plated beryllium copper contacts
Materials
• High temperature materials (UL94V-0)
Tin coated terminals for better solderability
• RoHS compliant
Packaging
Through Hole Switch : Anti-static tube packaging
Allowable Solder Time
Reflow soldering up to 10 seconds at 260°C max.
1 - 3
CTS Electrocomponents
www.ctscorp.com
insulated terminals
© 2015 CTS Corporation. All rights reserved. Information subject to change.
2 11 15
®
Electrocomponents
Data Sheet
Rotary DIP Switch
Series 221
Binary Coded Decimal and Hexadecimal Output
Minimum Load
V
A
µ
1
20,000 steps
Binary Coded Decimal
Hexadecimal
Output Code
Wave soldering up to 10 seconds at 260°C max.
20 m
Rotational Torque
144~432 gf-cm
• Clockwise or counterclockwise rotation
Manual soldering up to 5 seconds at 350°C max.
Surface Mount Switch : Tape and reel packaging
• Washable


Similar Part No. - 221ADC10

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
221A-04MAF ATTEND-221A-04MAF Datasheet
99Kb / 2P
   M Series waterproof connector
2017/01/17
221A-04MAR ATTEND-221A-04MAR Datasheet
99Kb / 2P
   M Series waterproof connector
2017/01/17
221A-04MF0 ATTEND-221A-04MF0 Datasheet
99Kb / 2P
   M Series waterproof connector
2017/01/17
221A-04MF1 ATTEND-221A-04MF1 Datasheet
99Kb / 2P
   M Series waterproof connector
2017/01/17
221A-04MF2 ATTEND-221A-04MF2 Datasheet
99Kb / 2P
   M Series waterproof connector
2017/01/17
More results

Similar Description - 221ADC10

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
   Rotary DIP Switch
logo
CUI INC
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
   ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
   ROTARY DIP SWITCH
RDS-1055 CUI-RDS-1055 Datasheet
336Kb / 4P
   ROTARY DIP SWITCH
logo
List of Unclassifed Man...
FR02 ETC-FR02 Datasheet
2Mb / 7P
   dip rotary switch
logo
E-SWITCH
RDT E-SWITCH-RDT Datasheet
1Mb / 5P
   Rotary Dip Switch
logo
CUI INC
RDS-7229-ASMT CUI-RDS-7229-ASMT Datasheet
777Kb / 8P
   ROTARY DIP SWITCH
12/11/2020
RDS-74R45A-508 CUI-RDS-74R45A-508 Datasheet
382Kb / 4P
   ROTARY DIP SWITCH
RDS-74R-508 CUI-RDS-74R-508 Datasheet
380Kb / 4P
   ROTARY DIP SWITCH
RDS-1045-SMT CUI-RDS-1045-SMT Datasheet
393Kb / 5P
   ROTARY DIP SWITCH
RDS-7229-D CUI-RDS-7229-D Datasheet
665Kb / 7P
   ROTARY DIP SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com