Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA5502 Datasheet(PDF) 7 Page - Fuji Electric

Part # FA5502
Description  POWER SUPPLY CONTROL IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5502 Datasheet(HTML) 7 Page - Fuji Electric

Back Button FA5502 Datasheet HTML 3Page - Fuji Electric FA5502 Datasheet HTML 4Page - Fuji Electric FA5502 Datasheet HTML 5Page - Fuji Electric FA5502 Datasheet HTML 6Page - Fuji Electric FA5502 Datasheet HTML 7Page - Fuji Electric FA5502 Datasheet HTML 8Page - Fuji Electric FA5502 Datasheet HTML 9Page - Fuji Electric FA5502 Datasheet HTML 10Page - Fuji Electric FA5502 Datasheet HTML 11Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
Quality is our message
Quality is our message
Quality is our message
Quality is our message
FA5502P/M
(3) Electrical Characteristics (Unless otherwise specified, Vcc=Vc=18V, Ta=25°C, CT=470pF, RT=22kΩ)
Reference voltage section
(REF pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Output voltage
VREF
4.8
5
5.2
V
Line regulation
Vrdv
Vcc=10 to 28V
±25
mV
Load regulation
Vrdi
ILoad=0.1 to 2mA
-50
-25
mV
Temperature stability
VrdT
Ta=-30 to 105°C
±0.5
mV/°C
Oscillator section
(CT, SYNC pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Oscillation frequency
fOSC
CT=470pF,
RT=22kΩ, Ta=25°C
71
78
85
kHz
Voltage stability
fdv
Vcc=10 to 28V
±1
±3
%
Temperature stability
fdT
Ta=-30 to +105°C
±0.04
±0.07
%/°C
Output peak voltage
VOSC
3.4
V
Synchronizing input
threshold voltage
VTHSYNC
SYNC pin voltage
1.0
1.5
2.0
V
SYNC pin input current
ISYNC
SYNC pin=2V
75
125
175
µA
Pulse width modulation circuit section
(OUT pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Maximum duty cycle
DMAX
91
94
97
%
Overcurrent limiter circuit section
(IDET pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Input threshold voltage
VTHOCP
IDET pin voltage
-1.20
-1.10
-1.00
V
Delay time
TpdOCP
150
ns
Soft start circuit section
(CS pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Charge current
ICHG
CS pin=0V
-11
µA
VTHCS0
Dutycycle=0%
0.34
V
Input threshold voltage
VTHCSM
Dutycycle=DMAX
3.40
V
Output ON/OFF control circuit section
(ON/OFF pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
On-state input current
ITHON
ON/OFF pin=VTHON
±500
nA
VTHON
OFF→ON
3.55
3.95
4.35
V
ON/OFF control
threshold voltage
VTHOFF
ON→OFF
2.40
2.80
3.20
V
Voltage error amplifier section
(VIN-, VFB pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Reference voltage
Vr
1.519
1.550
1.581
V
Line regulation
Vredv
Vcc=10 to 28V
±0.5
mV
Temperature stability
VredT
Ta=-30 to 105°C
±0.2
mV/°C
Input bias current
IBE
±500
nA
Open loop gain
Ave
60
dB
VOE+
No load
3.7
4.1
V
Output voltage
VOE-
No load
50
200
mV
Output source current
IOE+
VFB pin=0V
-2.8
mA
Output sink current
IOE-
VFB pin=2V
280
µA


Similar Part No. - FA5502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
FA5510N ETC1-FA5510N Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
logo
Fuji Electric
FA5510N FUJI-FA5510N Datasheet
1,023Kb / 23P
   PUJI Power Supply Controllc
logo
List of Unclassifed Man...
FA5510P ETC1-FA5510P Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
logo
Fuji Electric
FA5510P FUJI-FA5510P Datasheet
1,023Kb / 23P
   PUJI Power Supply Controllc
More results

Similar Description - FA5502

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
   FUJI Power Supply Control IC
FA7764 FUJI-FA7764 Datasheet
356Kb / 18P
   FUJI Power Supply Control IC
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
   FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
   FUJI Power Supply Control IC
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
   Switching Power Supply Control IC
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
   FUJI Power Supply Control IC
FA7711V FUJI-FA7711V Datasheet
386Kb / 25P
   FUJI Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
   Fuji Switching Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
   Fuji Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com