Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

221AMA16R Datasheet(PDF) 3 Page - CTS Corporation

Part # 221AMA16R
Description  Rotary DIP Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

221AMA16R Datasheet(HTML) 3 Page - CTS Corporation

  221AMA16R Datasheet HTML 1Page - CTS Corporation 221AMA16R Datasheet HTML 2Page - CTS Corporation 221AMA16R Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Information
221
10
AM : SURFACE MOUNT GULL WING
R : TAPE & REEL PACKAGING, SURFACE MOUNT SWITCH
Actuator Options
CTS Electronic Components
www.ctscorp.com
© 2015 CTS Corporation. All rights reserved. Information subject to change.
2/11/15
BLANK : TUBE PACKAGING, THROUGH HOLE SWITCH
AM
D : STANDARD THROUGH HOLE
: FLUSH ARROW & SLOTTED ROTOR
10 POSITIONS
16: 16 POSITIONS
R
3 - 3
A: FLUSH ARROW & SLOTTED
ROTOR
ARROW & SLOTTED, 4.32mm HEIGHT SHAFT
ARROW & SLOTTED, 6.86mm HEIGHT SHAFT
DIMENSION : mm
STANDARD TOLERANCE :
.XX (2 PLACE) : ±0.30
A
A
B: ARROW & SLOTTED SHAFT
C: ARROW & SLOTTED SHAFT
A
B:
C:
10:
Ø3.56
Ø3.56


Similar Part No. - 221AMA16R

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
221A-04MAF ATTEND-221A-04MAF Datasheet
99Kb / 2P
   M Series waterproof connector
2017/01/17
221A-04MAR ATTEND-221A-04MAR Datasheet
99Kb / 2P
   M Series waterproof connector
2017/01/17
221A-04MF0 ATTEND-221A-04MF0 Datasheet
99Kb / 2P
   M Series waterproof connector
2017/01/17
221A-04MF1 ATTEND-221A-04MF1 Datasheet
99Kb / 2P
   M Series waterproof connector
2017/01/17
221A-04MF2 ATTEND-221A-04MF2 Datasheet
99Kb / 2P
   M Series waterproof connector
2017/01/17
More results

Similar Description - 221AMA16R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
   Rotary DIP Switch
logo
CUI INC
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
   ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
   ROTARY DIP SWITCH
RDS-1055 CUI-RDS-1055 Datasheet
336Kb / 4P
   ROTARY DIP SWITCH
logo
List of Unclassifed Man...
FR02 ETC-FR02 Datasheet
2Mb / 7P
   dip rotary switch
logo
E-SWITCH
RDT E-SWITCH-RDT Datasheet
1Mb / 5P
   Rotary Dip Switch
logo
CUI INC
RDS-7229-ASMT CUI-RDS-7229-ASMT Datasheet
777Kb / 8P
   ROTARY DIP SWITCH
12/11/2020
RDS-74R45A-508 CUI-RDS-74R45A-508 Datasheet
382Kb / 4P
   ROTARY DIP SWITCH
RDS-74R-508 CUI-RDS-74R-508 Datasheet
380Kb / 4P
   ROTARY DIP SWITCH
RDS-1045-SMT CUI-RDS-1045-SMT Datasheet
393Kb / 5P
   ROTARY DIP SWITCH
RDS-7229-D CUI-RDS-7229-D Datasheet
665Kb / 7P
   ROTARY DIP SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com