Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMS-40288N Datasheet(PDF) 3 Page - CUI INC

Part # CMS-40288N
Description  550 Hz resonant frequency
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CMS-40288N Datasheet(HTML) 3 Page - CUI INC

  CMS-40288N Datasheet HTML 1Page - CUI INC CMS-40288N Datasheet HTML 2Page - CUI INC CMS-40288N Datasheet HTML 3Page - CUI INC CMS-40288N Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
CUI Inc
│ MODEL: CMS-40288N │ DESCRIPTION: SPEAKER
date 06/23/2016
│ page 3 of 4
PACKAGING
units: mm
Tray Size: 455 x 290 x 15 mm
Carton Size: 465 x 350 x 350 mm
Tray QTY: 60 pcs per tray
Carton QTY: 1,000 pcs per carton
For more information, please visit the product page.


Similar Part No. - CMS-40288N

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CMS-40288N CUID-CMS-40288N Datasheet
620Kb / 4P
   SPEAKER
08/05/2022
More results

Similar Description - CMS-40288N

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS-23558N-L152 CUI-CMS-23558N-L152 Datasheet
367Kb / 4P
   550 Hz resonant frequency
CMS-25148N CUI-CMS-25148N Datasheet
480Kb / 4P
   1050 Hz resonant frequency
CMS-40558N-L152 CUI-CMS-40558N-L152 Datasheet
551Kb / 4P
   500 Hz resonant frequency
CSS-50508N CUI-CSS-50508N Datasheet
1Mb / 4P
   380 Hz resonant frequency
CSS-66668N CUI-CSS-66668N Datasheet
420Kb / 4P
   200 Hz resonant frequency
CMS-35208N CUI-CMS-35208N Datasheet
1Mb / 4P
   720 Hz resonant frequency
CMS-40208N CUI-CMS-40208N Datasheet
389Kb / 4P
   650 Hz resonant frequency
CMS-28528N-L152 CUI-CMS-28528N-L152 Datasheet
411Kb / 4P
   750 Hz resonant frequency
CMS-40504N-L152 CUI-CMS-40504N-L152 Datasheet
443Kb / 4P
   500 Hz resonant frequency
CSS-40408N CUI-CSS-40408N Datasheet
2Mb / 4P
   440 Hz resonant frequency
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com