Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62128-70SC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62128-70SC
Description  128K x 8 Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128-70SC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62128-70SC Datasheet HTML 1Page - Cypress Semiconductor CY62128-70SC Datasheet HTML 2Page - Cypress Semiconductor CY62128-70SC Datasheet HTML 3Page - Cypress Semiconductor CY62128-70SC Datasheet HTML 4Page - Cypress Semiconductor CY62128-70SC Datasheet HTML 5Page - Cypress Semiconductor CY62128-70SC Datasheet HTML 6Page - Cypress Semiconductor CY62128-70SC Datasheet HTML 7Page - Cypress Semiconductor CY62128-70SC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CY62128
3
PRELIMINARY
Capacitance[5]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
9
pF
COUT
Output Capacitance
9
pF
AC Test Loads and Waveforms
Switching Characteristics[3,6] Over the Operating Range
62128–55
62128–70
Parameter
Description
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
55
70
ns
tAA
Address to Data Valid
55
70
ns
tOHA
Data Hold from Address Change
5
5
ns
tACE
CE1 LOW to Data Valid, CE2 HIGH to Data Valid
55
70
ns
tDOE
OE LOW to Data Valid
20
35
ns
tLZOE
OE LOW to Low Z
0
0
ns
tHZOE
OE HIGH to High Z[7, 8]
20
25
ns
tLZCE
CE1 LOW to Low Z, CE2 HIGH to Low Z
[8]
5
5
ns
tHZCE
CE1 HIGH to High Z, CE2 LOW to High Z
[7, 8]
20
25
ns
tPU
CE1 LOW to Power-Up, CE2 HIGH to Power-Up
0
0
ns
tPD
CE1 HIGH to Power-Down, CE2 LOW to Power-Down
55
70
ns
WRITE CYCLE[9]
tWC
Write Cycle Time
55
70
ns
tSCE
CE1 LOW to Write End, CE2 HIGH to Write End
45
60
ns
tAW
Address Set-Up to Write End
45
60
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Set-Up to Write Start
0
0
ns
tPWE
WE Pulse Width
45
50
ns
tSD
Data Set-Up to Write End
45
55
ns
Shaded areas contain advance information
Notes:
5.
Tested initially and after any design or process changes that may affect these parameters.
6.
Test conditions assume signal transition time of 5ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 100pF load capacitance.
7.
tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
8.
At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
9.
The internal write time of the memory is defined by the overlap of CE1 LOW, CE2 HIGH, and WE LOW. CE1 and WE must be LOW and CE2 HIGH to initiate a write,
and the transition of any of these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates
the write.
62128-3
62128-4
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
5V
OUTPUT
100 pF
INCLUDING
JIG AND
SCOPE
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
≤ 5ns
≤ 5 ns
OUTPUT
R1 1800
R1 1800
R2
990
R2
990
639
Equivalent to:
THÉVENIN EQUIVALENT
1.77V


Similar Part No. - CY62128-70SC

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
CY62128-70SC ARTSCHIP-CY62128-70SC Datasheet
1Mb / 8P
   Static RAM
More results

Similar Description - CY62128-70SC

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com