Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52-PV4F2H011G Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PV4F2H011G
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PV4F2H011G Datasheet(HTML) 1 Page - E-SWITCH

  52-PV4F2H011G Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV4F2H011G
3:2
8/3/2015
52-PV4F2H011G
A
MW
1
1
1
3
2
4
1
PANEL CUTOUT
MAX. PANEL THICKNESS
11.0mm [.433]
A
21935
RELEASE FOR PRODUCTION
8/3/15
MW
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = 0.4
X.XX = 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: GOLD
5. RATING: 2A 24VDC
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 M
MIN.
8. DIELECTRIC STRENGTH: 2,000 VAC MIN. FOR 1 MINUTE
9. CONTACT RESISTANCE: 50m
MAX. @ 1A 12VDC
10. OPERATING TEMP.: -20 C to 55 C
11. TRAVEL: 2.8mm
12.
DENOTES CRITICAL PARAMETER.
13. INGRESS PROTECTION: IP65
14. HARDWARE SUPPLIED: O-RING AND HEXNUT
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
ON
1-3, 4-6
1-2, 4-5
(ON) = MOMENTARY
22.00
[.866 in]
15.50
[.61 in]
FLAT ACTUATOR: BLACK
28.5 1.0
1.12 .04 in
[
]
36.0 1.0
1.42 .04 in
[
]
2.00
[.08 in]
M19 X 1.0
BODY: BLACK
19.00
[.748 in]
1
1
4
4
3
2
6
5
DPDT
CONTACT CONFIGURATION
5.20
[.205 in]
.50
[.020 in]
5.00
[.197 in]
5.00
[.197 in]
2.80
[.110 in]


Similar Part No. - 52-PV4F2H011G

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV4F2H011 E-SWITCH-52-PV4F2H011 Datasheet
65Kb / 1P
   Silver Plated Brass
52-PV4F2H011311 E-SWITCH-52-PV4F2H011311 Datasheet
67Kb / 1P
   Silver Plated Brass
52-PV4F2H011341 E-SWITCH-52-PV4F2H011341 Datasheet
67Kb / 1P
   Silver Plated Brass
52-PV4F2H011341M01 E-SWITCH-52-PV4F2H011341M01 Datasheet
167Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - 52-PV4F2H011G

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com