Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS14C335 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14C335
Description  3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14C335 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS14C335 Datasheet HTML 1Page - National Semiconductor (TI) DS14C335 Datasheet HTML 2Page - National Semiconductor (TI) DS14C335 Datasheet HTML 3Page - National Semiconductor (TI) DS14C335 Datasheet HTML 4Page - National Semiconductor (TI) DS14C335 Datasheet HTML 5Page - National Semiconductor (TI) DS14C335 Datasheet HTML 6Page - National Semiconductor (TI) DS14C335 Datasheet HTML 7Page - National Semiconductor (TI) DS14C335 Datasheet HTML 8Page - National Semiconductor (TI) DS14C335 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Parameter Measurement Information (Continued)
Pin Descriptions
V
CC (Pin 3). Power supply pin for the device, +3.3V (±0.3V).
V+ (Pin 1). Positive supply for TIA/EIA-232-E drivers. Rec-
ommended external capacitor — 0.47 µF (16V). This supply
is not intended to be loaded externally.
V− (Pin 25). Negative supply for TIA/EIA-232-E drivers. Rec-
ommended external capacitor — 0.47 µF (16V). This supply
is not intended to be loaded externally.
C1+, C1− (Pins 6, 24). External capacitor connection pins.
Recommended capacitor — 0.47 µF (6.3V).
C2+, C2− (Pins 2, 4). External capacitor connection pins.
Recommended capacitor — 0.47 µF (16V).
C3+, C3− (Pins 28, 26). External capacitor connection pins.
Recommended capacitor — 0.47 µF (6.3V).
SHUTDOWN (SD) (Pin 23). A High on the SHUTDOWN pin
will lower the total I
CC current to less than 10 µA, providing a
low power state. In this mode receiver R5 remains active.
The SD pin should be driven or tied low (GND) to disable the
shutdown mode.
D
IN 1–3 (Pins 7, 8, 9). Driver input pins are JEDEC 3.3V
standard compatible.
D
OUT 1–3 (Pins 22, 21, 20). Driver output pins conform to
TIA/ElA-232 -E levels.
R
IN 1–5 (Pins 19, 18, 17, 16, 15). Receiver input pins accept
TIA/EIA-232-E input voltages (±25V). Receivers guarantees
hysteresis of TBD mV. Unused receiver input pins may be
left open. Internal input resistor (5 k
Ω) pulls input LOW, pro-
viding a failsafe HIGH output.
R
OUT 1–5 (Pins 10, 11, 12, 13, 14). Receiver output pins are
JEDEC 3.3V standard compatible.
GND (Pin 27). Ground Pin.
DS011734-8
FIGURE 6. Driver SHUTDOWN (SD) Delay Timing
DS011734-9
FIGURE 7. Receiver SHUTDOWN (SD) Delay Test Circuit
DS011734-10
FIGURE 8. Receiver SHUTDOWN (SD) Delay Timing
www.national.com
5


Similar Part No. - DS14C335

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS14C335 TI-DS14C335 Datasheet
877Kb / 16P
[Old version datasheet]   DS14C335 3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C335 TI1-DS14C335 Datasheet
897Kb / 16P
[Old version datasheet]   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C335MSA TI-DS14C335MSA Datasheet
877Kb / 16P
[Old version datasheet]   DS14C335 3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C335MSA TI1-DS14C335MSA Datasheet
897Kb / 16P
[Old version datasheet]   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C335MSA/NOPB TI1-DS14C335MSA/NOPB Datasheet
897Kb / 16P
[Old version datasheet]   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
More results

Similar Description - DS14C335

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS14C335 TI1-DS14C335_15 Datasheet
897Kb / 16P
[Old version datasheet]   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DSV14196 NSC-DSV14196 Datasheet
153Kb / 9P
   3.3V Supply EIA/TIA-232 5 Driver x 3 Receiver
logo
Texas Instruments
DS14C335MSAX TI-DS14C335MSAX Datasheet
877Kb / 16P
[Old version datasheet]   DS14C335 3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DS14C535 NSC-DS14C535 Datasheet
122Kb / 8P
   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
[Old version datasheet]   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DS14C239 NSC-DS14C239 Datasheet
120Kb / 8P
   Dual Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
logo
Texas Instruments
DS14185WMX TI1-DS14185WMX Datasheet
900Kb / 15P
[Old version datasheet]   DS14185 EIA/TIA-232 3 Driver x 5 Receiver
logo
National Semiconductor ...
DS14C241 NSC-DS14C241 Datasheet
158Kb / 8P
   Single Supply TIA/EIA-232 4 x 5 Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com