Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC4060PWRE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC4060PWRE4
Description  14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC4060PWRE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74HC4060PWRE4 Datasheet HTML 1Page - Texas Instruments SN74HC4060PWRE4 Datasheet HTML 2Page - Texas Instruments SN74HC4060PWRE4 Datasheet HTML 3Page - Texas Instruments SN74HC4060PWRE4 Datasheet HTML 4Page - Texas Instruments SN74HC4060PWRE4 Datasheet HTML 5Page - Texas Instruments SN74HC4060PWRE4 Datasheet HTML 6Page - Texas Instruments SN74HC4060PWRE4 Datasheet HTML 7Page - Texas Instruments SN74HC4060PWRE4 Datasheet HTML 8Page - Texas Instruments SN74HC4060PWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SN54HC4060, SN74HC4060
14STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SCLS161D − DECEMBER 1982 − REVISED SEPTEMBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC4060
SN74HC4060
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
5.5
3.7
4.3
fclock
Clock frequency
4.5 V
28
19
22
MHz
fclock
Clock frequency
6 V
33
22
25
MHz
2 V
90
135
115
CLKI high or low
4.5 V
18
27
23
tw
Pulse duration
CLKI high or low
6 V
15
23
20
ns
tw
Pulse duration
2 V
90
135
115
ns
CLR high
4.5 V
18
27
23
CLR high
6 V
15
23
20
2 V
160
240
200
tsu
Setup time, CLR inactive before CLKI
4.5 V
32
48
40
ns
tsu
Setup time, CLR inactive before CLKI
6 V
27
41
34
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC4060
SN74HC4060
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
5.5
10
3.7
4.3
fmax
4.5 V
28
45
19
22
MHz
fmax
6 V
33
53
22
25
MHz
2 V
240
490
735
615
tpd
CLKI
QD
4.5 V
58
98
147
123
ns
tpd
CLKI
QD
6 V
42
83
125
105
ns
2 V
66
140
210
175
tPHL
CLR
Any Q
4.5 V
18
28
42
35
ns
tPHL
CLR
Any Q
6 V
14
24
36
30
ns
2 V
28
75
110
95
tt
Any
4.5 V
8
15
22
19
ns
tt
Any
6 V
6
30
19
16
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
88
pF


Similar Part No. - SN74HC4060PWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4060PWRE4 TI-SN74HC4060PWRE4 Datasheet
705Kb / 23P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
More results

Similar Description - SN74HC4060PWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4060-Q1 TI1-SN74HC4060-Q1 Datasheet
549Kb / 13P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
logo
Unisonic Technologies
U74HC4060 UTC-U74HC4060 Datasheet
176Kb / 6P
   14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
logo
Texas Instruments
SN54HC4061 TI-SN54HC4061 Datasheet
113Kb / 5P
[Old version datasheet]   ASYNCHRONOUS 14-STAGE BINARY COUNTERS AND OSCILLATORS
SN54HC4060 TI-SN54HC4060 Datasheet
111Kb / 7P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SN54HC4060 TI-SN54HC4060_06 Datasheet
705Kb / 23P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SN74HC4060 TI-SN74HC4060 Datasheet
406Kb / 13P
[Old version datasheet]   12-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
logo
Unisonic Technologies
U74HC4060 UTC-U74HC4060_15 Datasheet
209Kb / 6P
   14-STAGE ASYNCHRONOUS BINARY COUNTERS
logo
Texas Instruments
SN54HC4020 TI-SN54HC4020 Datasheet
540Kb / 16P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4020 TI-SN54HC4020_08 Datasheet
823Kb / 19P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4020 TI-SN54HC4020_07 Datasheet
682Kb / 18P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com