Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC175DG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC175DG4
Description  QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC175DG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC175DG4 Datasheet HTML 1Page - Texas Instruments SN74HC175DG4 Datasheet HTML 2Page - Texas Instruments SN74HC175DG4 Datasheet HTML 3Page - Texas Instruments SN74HC175DG4 Datasheet HTML 4Page - Texas Instruments SN74HC175DG4 Datasheet HTML 5Page - Texas Instruments SN74HC175DG4 Datasheet HTML 6Page - Texas Instruments SN74HC175DG4 Datasheet HTML 7Page - Texas Instruments SN74HC175DG4 Datasheet HTML 8Page - Texas Instruments SN74HC175DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SN54HC175, SN74HC175
QUADRUPLE DTYPE FLIPFLOPS
WITH CLEAR
SCLS299D − JANUARY 1996 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Contain Four Flip-Flops With Double-Rail
Outputs
D Typical tpd = 13 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Applications Include:
− Buffer/Storage Registers
− Shift Registers
− Pattern Generators
SN54HC175 ...J OR W PACKAGE
SN74HC175 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
SN54HC175...FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLR
1Q
1Q
1D
2D
2Q
2Q
GND
VCC
4Q
4Q
4D
3D
3Q
3Q
CLK
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4Q
4D
NC
3D
3Q
1Q
1D
NC
2D
2Q
NC − No internal connection
description/ordering information
These positive-edge-triggered D-type flip-flops have a direct clear (CLR) input. The ’HC175 devices feature
complementary outputs from each flip-flop.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC175N
SN74HC175N
Tube of 40
SN74HC175D
SOIC − D
Reel of 2500
SN74HC175DR
HC175
SOIC − D
Reel of 250
SN74HC175DT
HC175
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC175NSR
HC175
−40 C to 85 C
SSOP − DB
Reel of 2000
SN74HC175DBR
HC175
Tube of 90
SN74HC175PW
TSSOP − PW
Reel of 2000
SN74HC175PWR
HC175
TSSOP − PW
Reel of 250
SN74HC175PWT
HC175
CDIP − J
Tube of 25
SNJ54HC175J
SNJ54HC175J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC175W
SNJ54HC175W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC175FK
SNJ54HC175FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74HC175DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC175D TI-SN74HC175D Datasheet
93Kb / 6P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC175D TI-SN74HC175D Datasheet
582Kb / 16P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC175DBR TI-SN74HC175DBR Datasheet
582Kb / 16P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC175DBRE4 TI-SN74HC175DBRE4 Datasheet
582Kb / 16P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC175DE4 TI-SN74HC175DE4 Datasheet
582Kb / 16P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - SN74HC175DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC175 TI-SN54HC175 Datasheet
93Kb / 6P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LS171 TI-SN54LS171 Datasheet
127Kb / 4P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A Datasheet
362Kb / 15P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54F175 TI-SN54F175 Datasheet
72Kb / 5P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A_08 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
54AC11175 TI-54AC11175 Datasheet
117Kb / 7P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A_07 Datasheet
512Kb / 17P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
54AC11175 TI1-54AC11175_09 Datasheet
130Kb / 7P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC175 TI-SN54HC175_07 Datasheet
582Kb / 16P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS175 TI-SN74ALS175 Datasheet
148Kb / 2P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com