Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8516 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DAC8516
Description  AES / EBU to Analog Audio Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DAC8516 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DAC8516 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2004 / 2005 RossGear and GearLite Terminal Equipment Catalog
Ross is a trademark of Ross Video Limited. Leitch is a trademark of Leitch Technology Corporation. GVG is a trademark of Thomson Multimedia.
74
Ross Video
RossGearAES GearConversion
• 24-bit DAC resolution
• Operates at 32, 44.1 and
48kHz sampling rates
• Auto EQ > 610m (2,000 ft.)
• Low jitter performance
through EQ range
• Input range from 100mV
to 2.5V pp
• Adjustable audio output level
-12 to -30dBFS
• Input OK and error indicators
• Two stereo audio outputs
• 5-year transferable warranty
• Power: 3.5 Watts
DAC-8516
AES / EBU to Analog Audio Converter
Program stream AES / EBU to analog audio conversion with 24-bit
DAC resolution.
The RossGear DAC-8516 AES / EBU to Analog Audio Converter is a broadcast quality
modular product used to convert 20 or 24-bit AES-3id (coaxial) signals to analog audio.
The DAC-8516 accepts one 32, 44.1 or 48 kHz sample rate unbalanced AES signal and
provides two outputs of stereo (A, B) analog audio.
Digital AES / EBU audio is input through a BNC connector on the rear of the frame. The
signal is auto-equalized, relocked and then converted to analog audio using a state-of-the-art
128X oversampled Delta Sigma Modulator. Two identical copies of the signal are output via
the plug-on module BNC to terminal block adapter. Input signal and internal processing errors
are detected and reported on the SMPTE 269M fault reporting bus. Error presence
is displayed on a card-edge LED.
A combination of Headroom jumper (18dB or 24dB) and Level Adjust potentiometers
(+/-6dB, one for each channel) provide an output level range of +12 dBu to +27 dBu.
Auto-detection Digital De-emphasis is available for all data rates.
ADC-8532
Analog Audio to AES / EBU Converter
A 24-bit analog to AES / EBU converter. Perfect for broadcast stream
conversion applications.
The RossGear ADC-8532 Analog Audio to AES / EBU Converter is a broadcast quality
modular product used to convert analog audio to 20 or 24-bit AES-3id (coaxial) signals.
The ADC-8532 accepts one stereo (A, B) analog audio input and outputs four unbalanced
AES signals at 32, 44.1 or 48 kHz sample rates.
The balanced analog audio signal is input through a terminal block to BNC adapter module
on the rear frame. Infinitely variable input level adjustments from +14 to +30 dBu are
available for the input analog audio signal. The A to D converter uses a state of the art
256X oversampling delta sigma modulator and filtering circuit to produce four identical
high-quality AES streams. Reference signal or processing errors are detected and reported
on the card-edge LEDs.
For 48 kHz AES, the RossGear
ADC-8532 is capable of referencing
to either an external analog video or
AES (DARS) reference. Referencing
to the external AES reference
guarantees a properly phased
AES output.
INTERPOLATE
&
OVERSAMPLE
EQ &
RECLOCK
AES IN
ANALOG OUT
FILTER
SMPTE FAULT
REPORTING
24 BIT DAC
CONTROL
LOGIC
A x2
B x2
TO FRAME
N/C
N/C
N/C
N/C
AES In
Terminal
Block to
BNC Adapter
Analog Out A
Analog Out B
1
2
1
4
3
- G +
- G +
- G +
- G +
A
B
IN
AMPLIFIER &
FILTER
24 BIT A/D
AES/VIDEO
REFERENCE
PROCESSING
USER
SETTINGS
& STATUS
CONTROL
LOGIC
&
PROCESSING
A
B
AES OR
ANALOG VIDEO
REFERENCE
AES OUT
AES
TRANSMITTER
& OUTPUT
DRIVERS
ANALOG IN
Rear frame
plug-on connector
• 24-bit conversion
• Selectable 32, 44.1, 48kHz
sampling rates
• +14 to +30dBu adjustable
input range
• 106dB S/N un-weighted
• AES / Video Ref Input OK and
error indicators
• Jitter <1ns
• Four AES outputs
• 5-year transferable warranty
• Power: 5.0 Watts
Rear frame
plug-on connector
AES Out
AES Out
AES Out
AES Out
Video/AES
Ref In
Terminal
Block to
BNC Adapter
Analog In
1
2
1
4
3
- G +
- G +
- G +
- G +
A
B
IN


Similar Part No. - DAC8516

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8512 AD-DAC8512 Datasheet
757Kb / 20P
   % V, Serial Input Complete 12-Bit DAC
REV. A
DAC8512 AD-DAC8512 Datasheet
760Kb / 20P
   5 V, Serial Input Complete 12-Bit DAC
REV. A
DAC8512EP AD-DAC8512EP Datasheet
757Kb / 20P
   % V, Serial Input Complete 12-Bit DAC
REV. A
DAC8512EP AD-DAC8512EP Datasheet
760Kb / 20P
   5 V, Serial Input Complete 12-Bit DAC
REV. A
DAC8512EP AD-DAC8512EP Datasheet
517Kb / 20P
   5 V, Serial Input Complete 12-Bit DAC
REV. A
More results

Similar Description - DAC8516

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
70054CH BELDEN-70054CH Datasheet
173Kb / 2P
   AUDIO DIGITAL AES/EBU 8 PAIR 26AWG, BELDFOIL, LSZH
11-09-2022
logo
Texas Instruments
PCM1753-Q1 TI1-PCM1753-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com