Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM4T6.8A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # SM4T6.8A
Description  SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SM4T6.8A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  SM4T6.8A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SM4T6.8A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SM4T6.8A Datasheet HTML 3Page - SUNMATE electronic Co., LTD SM4T6.8A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.sunmate.tw
SM4T6.8A(CA) - SM4T440A(CA)
Maximum Ratings @ TA = 25°C unless otherwise specified
Peak Pulse Power Dissipation
(Non repetitive current pulse derated above TA =25°C)
(Note 1)
PPK
400
W
Peak Forward Surge Current, 8.3ms Single Half Sine
Wave Superimposed on Rated Load (JEDEC Method)
(Notes 1, 2, & 3)
IFSM
40
A
Instantaneous Forward Voltage
@ IPP = 35A
(Notes 1, 2, & 3)
VF
3.5
V
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
Notes:
1. Valid provided that terminals are kept at ambient temperature.
2. Measured with 8.3ms single half sine-wave. Duty cycle = 4 pulses per minute maximum.
3. Unidirectional units only.
Characteristic
Symbol
Value
Unit
SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
VOLTAGE RANGE: 6.8 - 440 V
POWER: 400Wa t t s
Glass Passivated Die Construction
Uni- and Bi-Directional Versions Available
Excellent Clamping Capability
Fast Response Time
Plastic Material: UL Flammability
Classification Rating 94V-0
Features
!
!
!
!
!
1 of 4
Case: SMA/DO-214AC, Molded Plastic
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.064 grams (approx.)
Mechanical Data
A
B
C
D
G
H
E
J
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
SMA(DO-214AC)


Similar Part No. - SM4T6.8A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SM4T6.8A SUNMATE-SM4T6.8A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T6.8A SUNMATE-SM4T6.8A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T6.8A SUNMATE-SM4T6.8A Datasheet
651Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T6.8A SUNMATE-SM4T6.8A Datasheet
651Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T6.8A SUNMATE-SM4T6.8A Datasheet
651Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - SM4T6.8A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMAJ70CA SUNMATE-SMAJ70CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ75CA SUNMATE-SMAJ75CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ250CA SUNMATE-SMAJ250CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ400CA SUNMATE-SMAJ400CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ130CA SUNMATE-SMAFJ130CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ210A SUNMATE-SMAFJ210A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250A SUNMATE-SMAFJ250A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250CA SUNMATE-SMAFJ250CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ350CA SUNMATE-SMAFJ350CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ10CA SUNMATE-SMAJ10CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ6.8A SUNMATE-SMAJ6.8A Datasheet
201Kb / 2P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com