Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XRA1404 Datasheet(PDF) 8 Page - Exar Corporation

Part No. XRA1404
Description  8-BIT SPI GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EXAR [Exar Corporation]
Homepage  http://www.exar.com
Logo 

XRA1404 Datasheet(HTML) 8 Page - Exar Corporation

Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ABSOLUTE MAXIMUM RATINGS
Power supply voltage
3.6 Volts
Supply current
160 mA
Ground current
200 mA
External current limit of each GPIO
25 mA
Total current limit for GPIO[7:0]
100 mA
Total supply current sourced by all GPIOs
160 mA
Operating Temperature
-40o to +85oC
Storage Temperature
-65o to +150oC
Power Dissipation
200 mW
TYPICAL PACKAGE THERMAL RESISTANCE DATA (MARGIN OF ERROR: ± 15%)
Thermal Resistance (16-QFN)
theta-ja = 40oC/W, theta-jc = 26oC/W
Thermal Resistance (16-TSSOP)
theta-ja = 105oC/W, theta-jc = 20oC/W
XRA1404
8
8-BIT SPI GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
REV. 1.0.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn