Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XRA1404 Datasheet(PDF) 13 Page - Exar Corporation

Part No. XRA1404
Description  8-BIT SPI GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EXAR [Exar Corporation]
Homepage  http://www.exar.com
Logo 

XRA1404 Datasheet(HTML) 13 Page - Exar Corporation

 
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
PACKAGE DIMENSIONS (16 PIN TSSOP - 4.4 mm)
Note: The control dimension is in millimeter.
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.031
0.047
0.80
1.20
A1
0.002
0.006
0.05
0.15
A2
0.031
0.037
0.80
0.95
b
0.007
0.012
0.19
0.30
C
0.004
0.008
0.09
0.2
D
0.193
0.201
4.90
5.10
E
0.240
0.264
6.30
6.60
E1
0.169
0.177
4.30
4.50
e
0.0256 BSC
0.65 BSC
L
0.018
0.030
0.45
0.75
α
XRA1404
13
REV. 1.0.0
8-BIT SPI GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn