Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRA1206IG16TR-F Datasheet(PDF) 1 Page - Exar Corporation

Part # XRA1206IG16TR-F
Description  8-BIT I2C/SMBUS GPIO EXPANDER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRA1206IG16TR-F Datasheet(HTML) 1 Page - Exar Corporation

  XRA1206IG16TR-F Datasheet HTML 1Page - Exar Corporation XRA1206IG16TR-F Datasheet HTML 2Page - Exar Corporation XRA1206IG16TR-F Datasheet HTML 3Page - Exar Corporation XRA1206IG16TR-F Datasheet HTML 4Page - Exar Corporation XRA1206IG16TR-F Datasheet HTML 5Page - Exar Corporation XRA1206IG16TR-F Datasheet HTML 6Page - Exar Corporation XRA1206IG16TR-F Datasheet HTML 7Page - Exar Corporation XRA1206IG16TR-F Datasheet HTML 8Page - Exar Corporation XRA1206IG16TR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XRA1206
8-BIT I2C/SMBUS GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
SEPTEMBER 2011
REV. 1.0.0
GENERAL DESCRIPTION
The XRA1206 is an 8-bit GPIO expander with an I2C/
SMBus interface. After power-up, the XRA1206 has
internal 100K ohm pull-up resistors on each I/O pin
that can be individually enabled.
In addition, the GPIOs on the XRA1206 can
individually be controlled and configured. As outputs,
the GPIOs can be outputs that are high, low or in
three-state mode. The three-state mode feature is
useful for applications where the power is removed
from the remote devices, but they may still be
connected to the GPIO expander.
As inputs, the internal pull-up resistors can be
enabled or disabled and the input polarity can be
inverted.
The interrupt can be programmed for
different
behaviors.
The
interrupts
can
be
programmed to generate an interrupt on the rising
edge, falling edge or on both edges. The interrupt
can be cleared if the input changes back to its original
state or by reading the current state of the inputs.
The XRA1206 is an enhanced version of the
TCA6408. The XRA1206 is pin and software
compatible with the TCA6408.
The XRA1206 is available in 16-pin QFN and 16-pin
TSSOP packages.
FEATURES
1.65V to 3.6V operating voltage
Integrated level shifters
8 General Purpose I/Os (GPIOs)
5V tolerant inputs
Maximum stand-by current of 1uA at +1.8V
I2C/SMBus bus interface
I
2C clock frequency up to 400kHz
Noise filter on SDA and SCL inputs
Up to 4 I
2C Slave Addresses
Individually programmable inputs
Internal pull-up resistors
Polarity inversion
Individual interrupt enable
Rising edge and/or Falling edge interrupt
Input filter
Individually programmable outputs
Output Level Control
Output Three-State Control
Open-drain active low interrupt output
Active-low reset input
Pin and software compatible with TCA6408
3kV HBM ESD protection per JESD22-A114F
200mA latch-up performance per JESD78B
APPLICATIONS
Personal Digital Assistants (PDA)
Cellular Phones/Data Devices
Battery-Operated Devices
Global Positioning System (GPS)
Bluetooth


Similar Part No. - XRA1206IG16TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IG16-F EXAR-XRA1200IG16-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IG16TR-F EXAR-XRA1200IG16TR-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IL16-F EXAR-XRA1200IL16-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IL16TR-F EXAR-XRA1200IL16TR-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
More results

Similar Description - XRA1206IG16TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1201 EXAR-XRA1201 Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1207 EXAR-XRA1207 Datasheet
464Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1202 EXAR-XRA1202 Datasheet
155Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
XRA1203 EXAR-XRA1203 Datasheet
472Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
logo
ON Semiconductor
FXL6408 ONSEMI-FXL6408 Datasheet
805Kb / 17P
   Fully Configurable 8-Bit I2C-Controlled GPIO Expander
October 2012 Rev. 1.0.0
logo
Exar Corporation
XRA1402IG16-0B EXAR-XRA1402IG16-0B Datasheet
409Kb / 14P
   8-BIT SPI GPIO EXPANDER
XRA1402 EXAR-XRA1402 Datasheet
409Kb / 14P
   8-BIT SPI GPIO EXPANDER
logo
Texas Instruments
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
ON Semiconductor
PCA9654E ONSEMI-PCA9654E_17 Datasheet
335Kb / 22P
   8-bit I/O Expander for I2C Bus and SMBus
March, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com