Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRA1200PIG16TR-F Datasheet(PDF) 2 Page - Exar Corporation

Part # XRA1200PIG16TR-F
Description  8-BIT I2C/SMBUS GPIO EXPANDER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRA1200PIG16TR-F Datasheet(HTML) 2 Page - Exar Corporation

  XRA1200PIG16TR-F Datasheet HTML 1Page - Exar Corporation XRA1200PIG16TR-F Datasheet HTML 2Page - Exar Corporation XRA1200PIG16TR-F Datasheet HTML 3Page - Exar Corporation XRA1200PIG16TR-F Datasheet HTML 4Page - Exar Corporation XRA1200PIG16TR-F Datasheet HTML 5Page - Exar Corporation XRA1200PIG16TR-F Datasheet HTML 6Page - Exar Corporation XRA1200PIG16TR-F Datasheet HTML 7Page - Exar Corporation XRA1200PIG16TR-F Datasheet HTML 8Page - Exar Corporation XRA1200PIG16TR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
XRA1200/1200P
2
8-BIT I2C/SMBUS GPIO EXPANDER
REV. 1.0.0
FIGURE 1. XRA1200 BLOCK DIAGRAM
I2C/
SMBus
Interface
A2
A1
SCL
SDA
GPIO
Control
Registers
A0
IRQ#
P0
GPIOs
P1
P2
P3
P4
P5
P6
P7
VCC
(1.65V – 3.6V)
GND
ORDERING INFORMATION
PART NUMBER
PACKAGE
NUMBER OF
GPIOS
OPERATING TEMPERATURE
RANGE
DEVICE STATUS
XRA1200IL16-F
QFN-16
8
-40°C to +85°C
Active
XRA1200IL16TR-F
QFN-16
8
-40°C to +85°C
Active
XRA1200PIL16-F
QFN-16
8
-40°C to +85°C
Active
XRA1200PIL16TR-F
QFN-16
8
-40°C to +85°C
Active
XRA1200IG16-F
TSSOP-16
8
-40°C to +85°C
Active
XRA1200IG16TR-F
TSSOP-16
8
-40°C to +85°C
Active
XRA1200PIG16-F
TSSOP-16
8
-40°C to +85°C
Active
XRA1200PIG16TR-F
TSSOP-16
8
-40°C to +85°C
Active
NOTE: TR = Tape and Reel, F = Green / RoHS
FIGURE 2. PIN OUT ASSIGNMENTS
XRA1200/
XRA1200P
16-Pin QFN
P1
P2
P0
A2
P7
P6
IRQ#
SCL
XRA1200/
XRA1200P
16-Pin TSSOP
3
5
4
7
6
8
1
2
A0
A1
A2
P0
P1
P2
P3
GND
9
10
11
12
13
14
15
16 VCC
SDA
SCL
IRQ#
P7
P6
P5
P4
16 15 14 13
56 78
2
1
3
4
11
12
10
9


Similar Part No. - XRA1200PIG16TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1201 EXAR-XRA1201 Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1201IG24-F EXAR-XRA1201IG24-F Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1201IG24TR-F EXAR-XRA1201IG24TR-F Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1201IL24-F EXAR-XRA1201IL24-F Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1201IL24TR-F EXAR-XRA1201IL24TR-F Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
More results

Similar Description - XRA1200PIG16TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1206 EXAR-XRA1206 Datasheet
433Kb / 15P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1201 EXAR-XRA1201 Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1207 EXAR-XRA1207 Datasheet
464Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1202 EXAR-XRA1202 Datasheet
155Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
XRA1203 EXAR-XRA1203 Datasheet
472Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
logo
ON Semiconductor
FXL6408 ONSEMI-FXL6408 Datasheet
805Kb / 17P
   Fully Configurable 8-Bit I2C-Controlled GPIO Expander
October 2012 Rev. 1.0.0
logo
Exar Corporation
XRA1402IG16-0B EXAR-XRA1402IG16-0B Datasheet
409Kb / 14P
   8-BIT SPI GPIO EXPANDER
XRA1402 EXAR-XRA1402 Datasheet
409Kb / 14P
   8-BIT SPI GPIO EXPANDER
logo
Texas Instruments
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
ON Semiconductor
PCA9654E ONSEMI-PCA9654E_17 Datasheet
335Kb / 22P
   8-bit I/O Expander for I2C Bus and SMBus
March, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com