Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRA1203IG24TR-F Datasheet(PDF) 4 Page - Exar Corporation

Part # XRA1203IG24TR-F
Description  16-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRA1203IG24TR-F Datasheet(HTML) 4 Page - Exar Corporation

  XRA1203IG24TR-F Datasheet HTML 1Page - Exar Corporation XRA1203IG24TR-F Datasheet HTML 2Page - Exar Corporation XRA1203IG24TR-F Datasheet HTML 3Page - Exar Corporation XRA1203IG24TR-F Datasheet HTML 4Page - Exar Corporation XRA1203IG24TR-F Datasheet HTML 5Page - Exar Corporation XRA1203IG24TR-F Datasheet HTML 6Page - Exar Corporation XRA1203IG24TR-F Datasheet HTML 7Page - Exar Corporation XRA1203IG24TR-F Datasheet HTML 8Page - Exar Corporation XRA1203IG24TR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
XRA1203
4
16-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
REV. 1.0.0
1.0 FUNCTIONAL DESCRIPTIONS
1.1
I2C-bus Interface
The I2C-bus interface is compliant with the Standard-mode and Fast-mode I2C-bus specifications. The I2C-bus
interface consists of two lines: serial data (SDA) and serial clock (SCL). In the Standard-mode, the serial clock
and serial data can go up to 100 kbps and in the Fast-mode, the serial clock and serial data can go up to 400
kbps.
The first byte sent by an I2C-bus master contains a start bit (SDA transition from HIGH to LOW when SCL is
HIGH), 7-bit slave address and whether it is a read or write transaction. The next byte is the sub-address that
contains the address of the register to access. The XRA1203 responds to each write with an acknowledge
(SDA driven LOW by XRA1203 for one clock cycle when SCL is HIGH). The last byte sent by an I2C-bus
master contains a stop bit (SDA transition from LOW to HIGH when SCL is HIGH). See Figures 3 - 5 below.
For complete details, see the I2C-bus specifications.
FIGURE 3. I C START AND STOP CONDITIONS
SDA
SCL
S
P
START condition
STOP condition
FIGURE 4. MASTER WRITES TO SLAVE
SW
A
A
AP
SL AVE
AD D R ESS
CO M M A ND
BYT E
DA T A
BYT E
W h ite b lock: h o st to X R A 1 20 x
G rey block: X R A 12 0 x to h ost
FIGURE 5. MASTER READS FROM SLAVE
SW
A
AR
SLAVE
ADDRESS
COMMAND
BYTE
White block: host to XRA120x
Grey block: XRA120x to host
A
S
SLAVE
ADDRESS
nDATA
ANA
P
LAST DATA
2


Similar Part No. - XRA1203IG24TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IG16-F EXAR-XRA1200IG16-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IG16TR-F EXAR-XRA1200IG16TR-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IL16-F EXAR-XRA1200IL16-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IL16TR-F EXAR-XRA1200IL16TR-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
More results

Similar Description - XRA1203IG24TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1202 EXAR-XRA1202 Datasheet
155Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
XRA1201 EXAR-XRA1201 Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1207 EXAR-XRA1207 Datasheet
464Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1206 EXAR-XRA1206 Datasheet
433Kb / 15P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1403 EXAR-XRA1403 Datasheet
440Kb / 16P
   16-BIT SPI GPIO EXPANDER WITH RESET INPUT
logo
Nuvoton Technology Corp...
NCT5655Y NUVOTON-NCT5655Y Datasheet
836Kb / 26P
   16-bit I2C-bus and SMBus GPIO controller with interrupt
logo
NXP Semiconductors
PCA9575 NXP-PCA9575 Datasheet
202Kb / 38P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 03-9 November 2009
PCA9575 NXP-PCA9575_V01 Datasheet
632Kb / 44P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 5.0 - 31 May 2023
logo
Texas Instruments
PCF8575 TI-PCF8575 Datasheet
749Kb / 28P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com