Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRA1203IG24TR-F Datasheet(PDF) 2 Page - Exar Corporation

Part # XRA1203IG24TR-F
Description  16-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRA1203IG24TR-F Datasheet(HTML) 2 Page - Exar Corporation

  XRA1203IG24TR-F Datasheet HTML 1Page - Exar Corporation XRA1203IG24TR-F Datasheet HTML 2Page - Exar Corporation XRA1203IG24TR-F Datasheet HTML 3Page - Exar Corporation XRA1203IG24TR-F Datasheet HTML 4Page - Exar Corporation XRA1203IG24TR-F Datasheet HTML 5Page - Exar Corporation XRA1203IG24TR-F Datasheet HTML 6Page - Exar Corporation XRA1203IG24TR-F Datasheet HTML 7Page - Exar Corporation XRA1203IG24TR-F Datasheet HTML 8Page - Exar Corporation XRA1203IG24TR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
XRA1203
2
16-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
REV. 1.0.0
FIGURE 1. XRA1203 BLOCK DIAGRAM
I2C/
SM B u s
In te rfa c e
R E SET#
A1
SC L
SDA
GP IO
Co n tro l
R egisters
A0
IR Q #
P0
GP IOs
P1
P2
P3
P4
P5
P6
P7
VC C
(1.65V – 3.6 V )
GN D
P8
GP IOs
P9
P1 0
P1 1
P1 2
P1 3
P1 4
P1 5
ORDERING INFORMATION
PART NUMBER
PACKAGE
NUMBER OF
GPIOS
OPERATING TEMPERATURE
RANGE
DEVICE STATUS
XRA1203IL24-F
QFN-24
16
-40°C to +85°C
Active
XRA1203IL24TR-F
QFN-24
16
-40°C to +85°C
Active
XRA1203IG24-F
TSSOP-24
16
-40°C to +85°C
Active
XRA1203IG24TR-F
TSSOP-24
16
-40°C to +85°C
Active
NOTE: TR = Tape and Reel, F = Green / RoHS
FIGURE 2. PIN OUT ASSIGNMENTS
XRA1203
24-Pin
TSSOP
3
5
4
7
6
8
9
10
11
12
1
2
13
14
15
16
17
18
19
20
21
22
23
24
IRQ#
A1
RESET#
P0
P1
P2
P3
P4
P5
P6
P7
GND
VCC
SDA
SCL
A0
P15
P14
P13
P12
P11
P10
P9
P8
XRA1203
24-Pin QFN
78
9 10 11 12
17
18
13
16
14
15 P13
P14
P15
A0
P12
P11
24 23 22 21 20 19
2
1
6
3
5
4
P3
P2
P1
P0
P4
P5


Similar Part No. - XRA1203IG24TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IG16-F EXAR-XRA1200IG16-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IG16TR-F EXAR-XRA1200IG16TR-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IL16-F EXAR-XRA1200IL16-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IL16TR-F EXAR-XRA1200IL16TR-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
More results

Similar Description - XRA1203IG24TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1202 EXAR-XRA1202 Datasheet
155Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
XRA1201 EXAR-XRA1201 Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1207 EXAR-XRA1207 Datasheet
464Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1206 EXAR-XRA1206 Datasheet
433Kb / 15P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1403 EXAR-XRA1403 Datasheet
440Kb / 16P
   16-BIT SPI GPIO EXPANDER WITH RESET INPUT
logo
Nuvoton Technology Corp...
NCT5655Y NUVOTON-NCT5655Y Datasheet
836Kb / 26P
   16-bit I2C-bus and SMBus GPIO controller with interrupt
logo
NXP Semiconductors
PCA9575 NXP-PCA9575 Datasheet
202Kb / 38P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 03-9 November 2009
PCA9575 NXP-PCA9575_V01 Datasheet
632Kb / 44P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 5.0 - 31 May 2023
logo
Texas Instruments
PCF8575 TI-PCF8575 Datasheet
749Kb / 28P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com