Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRA1206 Datasheet(PDF) 4 Page - Exar Corporation

Part # XRA1206
Description  8-BIT I2C/SMBUS GPIO EXPANDER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRA1206 Datasheet(HTML) 4 Page - Exar Corporation

  XRA1206 Datasheet HTML 1Page - Exar Corporation XRA1206 Datasheet HTML 2Page - Exar Corporation XRA1206 Datasheet HTML 3Page - Exar Corporation XRA1206 Datasheet HTML 4Page - Exar Corporation XRA1206 Datasheet HTML 5Page - Exar Corporation XRA1206 Datasheet HTML 6Page - Exar Corporation XRA1206 Datasheet HTML 7Page - Exar Corporation XRA1206 Datasheet HTML 8Page - Exar Corporation XRA1206 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
XRA1206
4
8-BIT I2C/SMBUS GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
REV. 1.0.0
1.0 FUNCTIONAL DESCRIPTIONS
1.1
I2C-bus Interface
The I2C-bus interface is compliant with the Standard-mode and Fast-mode I2C-bus specifications. The I2C-bus
interface consists of two lines: serial data (SDA) and serial clock (SCL). In the Standard-mode, the serial clock
and serial data can go up to 100 kbps and in the Fast-mode, the serial clock and serial data can go up to 400
kbps.
The first byte sent by an I2C-bus master contains a start bit (SDA transition from HIGH to LOW when SCL is
HIGH), 7-bit slave address and whether it is a read or write transaction. The next byte is the sub-address that
contains the address of the register to access. The XRA1206 responds to each write with an acknowledge
(SDA driven LOW by XRA1206 for one clock cycle when SCL is HIGH). The last byte sent by an I2C-bus
master contains a stop bit (SDA transition from LOW to HIGH when SCL is HIGH). See Figures 3 - 5 below.
For complete details, see the I2C-bus specifications.
FIGURE 3. I C START AND STOP CONDITIONS
SDA
SCL
S
P
START condition
STOP condition
FIGURE 4. MASTER WRITES TO SLAVE
SW
A
A
AP
SL AVE
AD D R ESS
CO M M A ND
BYT E
DA T A
BYT E
W h ite b lock: h o st to X R A 1 20 x
G rey block: X R A 12 0 x to h ost
FIGURE 5. MASTER READS FROM SLAVE
SW
A
AR
SLAVE
ADDRESS
COMMAND
BYTE
White block: host to XRA120x
Grey block: XRA120x to host
A
S
SLAVE
ADDRESS
nDATA
ANA
P
LAST DATA
2


Similar Part No. - XRA1206

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IG16-F EXAR-XRA1200IG16-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IG16TR-F EXAR-XRA1200IG16TR-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IL16-F EXAR-XRA1200IL16-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IL16TR-F EXAR-XRA1200IL16TR-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
More results

Similar Description - XRA1206

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1201 EXAR-XRA1201 Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1207 EXAR-XRA1207 Datasheet
464Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1202 EXAR-XRA1202 Datasheet
155Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
XRA1203 EXAR-XRA1203 Datasheet
472Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
logo
ON Semiconductor
FXL6408 ONSEMI-FXL6408 Datasheet
805Kb / 17P
   Fully Configurable 8-Bit I2C-Controlled GPIO Expander
October 2012 Rev. 1.0.0
logo
Exar Corporation
XRA1402IG16-0B EXAR-XRA1402IG16-0B Datasheet
409Kb / 14P
   8-BIT SPI GPIO EXPANDER
XRA1402 EXAR-XRA1402 Datasheet
409Kb / 14P
   8-BIT SPI GPIO EXPANDER
logo
Texas Instruments
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
ON Semiconductor
PCA9654E ONSEMI-PCA9654E_17 Datasheet
335Kb / 22P
   8-bit I/O Expander for I2C Bus and SMBus
March, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com