Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRA1203IL24TR-F Datasheet(PDF) 1 Page - Exar Corporation

Part # XRA1203IL24TR-F
Description  16-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRA1203IL24TR-F Datasheet(HTML) 1 Page - Exar Corporation

  XRA1203IL24TR-F Datasheet HTML 1Page - Exar Corporation XRA1203IL24TR-F Datasheet HTML 2Page - Exar Corporation XRA1203IL24TR-F Datasheet HTML 3Page - Exar Corporation XRA1203IL24TR-F Datasheet HTML 4Page - Exar Corporation XRA1203IL24TR-F Datasheet HTML 5Page - Exar Corporation XRA1203IL24TR-F Datasheet HTML 6Page - Exar Corporation XRA1203IL24TR-F Datasheet HTML 7Page - Exar Corporation XRA1203IL24TR-F Datasheet HTML 8Page - Exar Corporation XRA1203IL24TR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XRA1203
16-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
SEPTEMBER 2011
REV. 1.0.0
GENERAL DESCRIPTION
The XRA1203 is a 16-bit GPIO expander with an I2C/
SMBus interface. After power-up, the XRA1203 has
internal 100K ohm pull-up resistors on each I/O pin
that can be individually enabled.
In addition, the GPIOs on the XRA1203 can
individually be controlled and configured. As outputs,
the GPIOs can be outputs that are high, low or in
three-state mode. The three-state mode feature is
useful for applications where the power is removed
from the remote devices, but they may still be
connected to the GPIO expander.
As inputs, the internal pull-up resistors can be
enabled or disabled and the input polarity can be
inverted.
The interrupt can be programmed for
different
behaviors.
The
interrupts
can
be
programmed to generate an interrupt on the rising
edge, falling edge or on both edges. The interrupt
can be cleared if the input changes back to its original
state or by reading the current state of the inputs.
The XRA1203 is an enhanced version of the
PCA9539 and TCA9539. The XRA1203 is pin and
software compatible with the PCA9539 and TCA9539
(note: software registers are compatible to the
PCA9539, but the I2C slave address is different).
The XRA1203 is available in 24-pin QFN and 24-pin
TSSOP packages.
FEATURES
1.65V to 3.6V operating voltage
16 General Purpose I/Os (GPIOs)
5V tolerant inputs
Maximum stand-by current of 1uA at +1.8V
I2C/SMBus bus interface
I
2C clock frequency up to 400kHz
Noise filter on SDA and SCL inputs
Up to 16 I
2C Slave Addresses
Individually programmable inputs
Internal pull-up resistors
Polarity inversion
Individual interrupt enable
Rising edge and/or Falling edge interrupt
Input filter
Individually programmable outputs
Output Level Control
Output Three-State Control
Open-drain active low interrupt output
Active-low reset input
Pin and software compatible with PCA9539 and
TCA9539
3kV HBM ESD protection per JESD22-A114F
200mA latch-up performance per JESD78B
APPLICATIONS
Personal Digital Assistants (PDA)
Cellular Phones/Data Devices
Battery-Operated Devices
Global Positioning System (GPS)
Bluetooth


Similar Part No. - XRA1203IL24TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IG16-F EXAR-XRA1200IG16-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IG16TR-F EXAR-XRA1200IG16TR-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IL16-F EXAR-XRA1200IL16-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IL16TR-F EXAR-XRA1200IL16TR-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
More results

Similar Description - XRA1203IL24TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1202 EXAR-XRA1202 Datasheet
155Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
XRA1201 EXAR-XRA1201 Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1207 EXAR-XRA1207 Datasheet
464Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1206 EXAR-XRA1206 Datasheet
433Kb / 15P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1403 EXAR-XRA1403 Datasheet
440Kb / 16P
   16-BIT SPI GPIO EXPANDER WITH RESET INPUT
logo
Nuvoton Technology Corp...
NCT5655Y NUVOTON-NCT5655Y Datasheet
836Kb / 26P
   16-bit I2C-bus and SMBus GPIO controller with interrupt
logo
NXP Semiconductors
PCA9575 NXP-PCA9575 Datasheet
202Kb / 38P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 03-9 November 2009
PCA9575 NXP-PCA9575_V01 Datasheet
632Kb / 44P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 5.0 - 31 May 2023
logo
Texas Instruments
PCF8575 TI-PCF8575 Datasheet
749Kb / 28P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com