Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRA1203 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRA1203
Description  16-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRA1203 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRA1203 Datasheet HTML 7Page - Exar Corporation XRA1203 Datasheet HTML 8Page - Exar Corporation XRA1203 Datasheet HTML 9Page - Exar Corporation XRA1203 Datasheet HTML 10Page - Exar Corporation XRA1203 Datasheet HTML 11Page - Exar Corporation XRA1203 Datasheet HTML 12Page - Exar Corporation XRA1203 Datasheet HTML 13Page - Exar Corporation XRA1203 Datasheet HTML 14Page - Exar Corporation XRA1203 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ABSOLUTE MAXIMUM RATINGS
Power supply voltage
3.6 Volts
Supply current
160 mA
Ground current
200 mA
External current limit of each GPIO
25 mA
Total current limit for GPIO[15:8] and GPIO[7:0]
100 mA
Total current limit for GPIO[15:0]
200 mA
Total supply current sourced by all GPIOs
160 mA
Operating Temperature
-40o to +85oC
Storage Temperature
-65o to +150oC
Power Dissipation
200 mW
TYPICAL PACKAGE THERMAL RESISTANCE DATA (MARGIN OF ERROR: ± 15%)
Thermal Resistance (24-QFN)
theta-ja = 38oC/W, theta-jc = 26oC/W
Thermal Resistance (24-TSSOP)
theta-ja = 84oC/W, theta-jc = 16oC/W
XRA1203
11
REV. 1.0.0
16-BIT I2C/SMBUS GPIO EXPANDER WITH RESET


Similar Part No. - XRA1203

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IG16-F EXAR-XRA1200IG16-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IG16TR-F EXAR-XRA1200IG16TR-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IL16-F EXAR-XRA1200IL16-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IL16TR-F EXAR-XRA1200IL16TR-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
More results

Similar Description - XRA1203

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1202 EXAR-XRA1202 Datasheet
155Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
XRA1201 EXAR-XRA1201 Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1207 EXAR-XRA1207 Datasheet
464Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1206 EXAR-XRA1206 Datasheet
433Kb / 15P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1403 EXAR-XRA1403 Datasheet
440Kb / 16P
   16-BIT SPI GPIO EXPANDER WITH RESET INPUT
logo
Nuvoton Technology Corp...
NCT5655Y NUVOTON-NCT5655Y Datasheet
836Kb / 26P
   16-bit I2C-bus and SMBus GPIO controller with interrupt
logo
NXP Semiconductors
PCA9575 NXP-PCA9575 Datasheet
202Kb / 38P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 03-9 November 2009
PCA9575 NXP-PCA9575_V01 Datasheet
632Kb / 44P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 5.0 - 31 May 2023
logo
Texas Instruments
PCF8575 TI-PCF8575 Datasheet
749Kb / 28P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com