Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRA1200P Datasheet(PDF) 4 Page - Exar Corporation

Part # XRA1200P
Description  8-BIT I2C/SMBUS GPIO EXPANDER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRA1200P Datasheet(HTML) 4 Page - Exar Corporation

  XRA1200P Datasheet HTML 1Page - Exar Corporation XRA1200P Datasheet HTML 2Page - Exar Corporation XRA1200P Datasheet HTML 3Page - Exar Corporation XRA1200P Datasheet HTML 4Page - Exar Corporation XRA1200P Datasheet HTML 5Page - Exar Corporation XRA1200P Datasheet HTML 6Page - Exar Corporation XRA1200P Datasheet HTML 7Page - Exar Corporation XRA1200P Datasheet HTML 8Page - Exar Corporation XRA1200P Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
XRA1200/1200P
4
8-BIT I2C/SMBUS GPIO EXPANDER
REV. 1.0.0
1.0 FUNCTIONAL DESCRIPTIONS
1.1
I2C-bus Interface
The I2C-bus interface is compliant with the Standard-mode and Fast-mode I2C-bus specifications. The I2C-bus
interface consists of two lines: serial data (SDA) and serial clock (SCL). In the Standard-mode, the serial clock
and serial data can go up to 100 kbps and in the Fast-mode, the serial clock and serial data can go up to 400
kbps.
The first byte sent by an I2C-bus master contains a start bit (SDA transition from HIGH to LOW when SCL is
HIGH), 7-bit slave address and whether it is a read or write transaction. The next byte is the sub-address that
contains the address of the register to access. The XRA120x responds to each write with an acknowledge
(SDA driven LOW by XRA1200/1200P for one clock cycle when SCL is HIGH). The last byte sent by an I2C-
bus master contains a stop bit (SDA transition from LOW to HIGH when SCL is HIGH). See Figures 3 - 5
below. For complete details, see the I2C-bus specifications.
FIGURE 3. I C START AND STOP CONDITIONS
SDA
SCL
S
P
START condition
STOP condition
FIGURE 4. MASTER WRITES TO SLAVE
SW
A
A
AP
SL AVE
AD D R ESS
CO M M A ND
BYT E
DA T A
BYT E
W h ite b lock: h o st to X R A 1 20 x
G rey block: X R A 12 0 x to h ost
FIGURE 5. MASTER READS FROM SLAVE
SW
A
AR
SLAVE
ADDRESS
COMMAND
BYTE
White block: host to XRA120x
Grey block: XRA120x to host
A
S
SLAVE
ADDRESS
nDATA
ANA
P
LAST DATA
2


Similar Part No. - XRA1200P

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1201 EXAR-XRA1201 Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1201IG24-F EXAR-XRA1201IG24-F Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1201IG24TR-F EXAR-XRA1201IG24TR-F Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1201IL24-F EXAR-XRA1201IL24-F Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1201IL24TR-F EXAR-XRA1201IL24TR-F Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
More results

Similar Description - XRA1200P

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1206 EXAR-XRA1206 Datasheet
433Kb / 15P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1201 EXAR-XRA1201 Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1207 EXAR-XRA1207 Datasheet
464Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1202 EXAR-XRA1202 Datasheet
155Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
XRA1203 EXAR-XRA1203 Datasheet
472Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
logo
ON Semiconductor
FXL6408 ONSEMI-FXL6408 Datasheet
805Kb / 17P
   Fully Configurable 8-Bit I2C-Controlled GPIO Expander
October 2012 Rev. 1.0.0
logo
Exar Corporation
XRA1402IG16-0B EXAR-XRA1402IG16-0B Datasheet
409Kb / 14P
   8-BIT SPI GPIO EXPANDER
XRA1402 EXAR-XRA1402 Datasheet
409Kb / 14P
   8-BIT SPI GPIO EXPANDER
logo
Texas Instruments
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
ON Semiconductor
PCA9654E ONSEMI-PCA9654E_17 Datasheet
335Kb / 22P
   8-bit I/O Expander for I2C Bus and SMBus
March, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com