Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR77129ELB-F Datasheet(PDF) 3 Page - Exar Corporation

Part # XR77129ELB-F
Description  40V Quad Output Digital PWM/PFM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR77129ELB-F Datasheet(HTML) 3 Page - Exar Corporation

  XR77129ELB-F Datasheet HTML 1Page - Exar Corporation XR77129ELB-F Datasheet HTML 2Page - Exar Corporation XR77129ELB-F Datasheet HTML 3Page - Exar Corporation XR77129ELB-F Datasheet HTML 4Page - Exar Corporation XR77129ELB-F Datasheet HTML 5Page - Exar Corporation XR77129ELB-F Datasheet HTML 6Page - Exar Corporation XR77129ELB-F Datasheet HTML 7Page - Exar Corporation XR77129ELB-F Datasheet HTML 8Page - Exar Corporation XR77129ELB-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
© 2014 Exar Corporation
XR77129
3 / 28
exar.com/XR77129
Rev 1A
VENABLE
ENABLE Turn On Threshold
VCC = 12V, Enable Rising
0.65
0.95
V
ILEAK
ENABLE Pin Leakage Current
EN = 5V
3.6
10
μA
EN = 0V
-10
μA
Input Voltage Range and Undervoltage Lockout
VCC
VCC Range
640
V
Voltage Feedback Accuracy and Output Voltage Set Point Resolution
VA_VO
VOUT Regulation Accuracy
Low Output Range
0.6 ≤ VOUT ≤ 1.6V, PWM operation
-5
5
mV
-12.5
12.5
mV
Mid Output Range
0.6 ≤ VOUT ≤ 3.2V, PWM operation
-10
10
mV
-25
25
mV
High Output Range
0.6 ≤ VOUT ≤ 5.5V, PWM operation
-20
20
mV
-50
50
mV
VR_VO
VOUT Regulation Range
Without external divider network
0.6
5.5
V
VNATIVE
VOUT Native Set Point Resolution
Low Range
12.5
mV
Mid Range
25
mV
High Range
50
mV
VFINE
VOUT Fine Set Point Resolution1
Low Range
2.5
mV
Mid Range
5
mV
High Range
10
mV
RIN
VOUT Input Resistance
Low Range
120
Mid Range
80
High Range
65
RIN
VOUT Input Resistance in PFM
Low Range
10
Mid Range
1
High Range
0.67
VSET_PG
Power Good and OVP Set Point
Range (from set point)
Low Range
-155
157.5
mV
Mid Range
-310
315
mV
High Range
-620
630
mV
VSET_PG
Power Good and OVP Set Point
Accuracy
Low Range
-5
5
mV
Mid Range
-10
10
mV
High Range
-20
20
mV
VSET_BF
BFB Set Point Range
916
V
VRES_BF
BFB Set Point Resolution
1V
VA_BF
BFB Accuracy
-0.5
0.5
V
Symbol
Parameter
Conditions
Min
Typ
Max
Units


Similar Part No. - XR77129ELB-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR77128 EXAR-XR77128 Datasheet
1Mb / 28P
   Quad Output Digital PWM/PFM
XR77128ELB-F EXAR-XR77128ELB-F Datasheet
1Mb / 28P
   Quad Output Digital PWM/PFM
XR77128ELBMTR-F EXAR-XR77128ELBMTR-F Datasheet
1Mb / 28P
   Quad Output Digital PWM/PFM
XR77128ELBTR-F EXAR-XR77128ELBTR-F Datasheet
1Mb / 28P
   Quad Output Digital PWM/PFM
XR77128EVB-DEMO-1 EXAR-XR77128EVB-DEMO-1 Datasheet
1Mb / 28P
   Quad Output Digital PWM/PFM
More results

Similar Description - XR77129ELB-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR77128 EXAR-XR77128 Datasheet
1Mb / 28P
   Quad Output Digital PWM/PFM
XRP7724 EXAR-XRP7724 Datasheet
1Mb / 29P
   Quad Channel Digital PWM/PFM Programmable Power Management System
XRP7704 EXAR-XRP7704 Datasheet
865Kb / 31P
   Quad-Output Digital PWM Buck Controller
logo
Torex Semiconductor
XC6365-XC6366 TOREX-XC6365-XC6366 Datasheet
99Kb / 2P
   PWM PWM/PFM
logo
Exar Corporation
XRP7720 EXAR-XRP7720 Datasheet
1Mb / 28P
   Quad Output Universal Customizable PMIC with PFM
XRP7740 EXAR-XRP7740 Datasheet
822Kb / 31P
   Quad-Output Digital PWM Buck Controller Supporting high current loads
logo
Anpec Electronics Corop...
APW7190 ANPEC-APW7190 Datasheet
1Mb / 23P
   5V or 12V Single Output PWM Controller with PFM
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
logo
Analog Devices
UG-179 AD-UG-179 Datasheet
429Kb / 12P
   Automatic PFM/PWM mode switching
logo
Seiko Instruments Inc
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com