Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR77103ELB Datasheet(PDF) 1 Page - Exar Corporation

Part # XR77103ELB
Description  3-Output Programmable Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR77103ELB Datasheet(HTML) 1 Page - Exar Corporation

  XR77103ELB Datasheet HTML 1Page - Exar Corporation XR77103ELB Datasheet HTML 2Page - Exar Corporation XR77103ELB Datasheet HTML 3Page - Exar Corporation XR77103ELB Datasheet HTML 4Page - Exar Corporation XR77103ELB Datasheet HTML 5Page - Exar Corporation XR77103ELB Datasheet HTML 6Page - Exar Corporation XR77103ELB Datasheet HTML 7Page - Exar Corporation XR77103ELB Datasheet HTML 8Page - Exar Corporation XR77103ELB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Universal PMIC
3-Output Programmable Buck Regulator
XR
77103
1/28
REV1B
FEATURES
4.5V to 14V wide input supply voltage
range
Built-In MOSFET and synchronous rectifier
I2C programmable supplies
Output voltage (0.8 to 6V)
Power on sequence
Soft-start timing
Switching frequency (300kHz to
2.2MHz)
Individual current limit
Optional power saving mode at light
loads
Non volatile memory (NVM) with up to
10,000 times write operation
0.8V, high accuracy reference (1%)
Current-mode control with simple
compensation circuit
External synchronization
Power good
Protection
Thermal shutdown
Overvoltage transient protection
Overcurrent protection
32-pin 4mm x 4mm TQFN package
APPLICATIONS
FPGA and DSP supplies
Video processor supplies
Applications processor power
Description
The XR77103 features three synchronous wide input range high
efficiency buck converters. Each converter is digitally programmable
requiring minimal external components thus providing the smallest
size solution possible.
The converters can operate in 5V, 9V, and 12V systems and have
integrated power switches. The output voltage of each converter
can be adjusted by programming the values in the VOUT setting
registers through I2C interface. The adjustable range is 0.8 to 6V with
50mV resolution. The output voltage also can be set externally using
an external resistor divider. Output sequence among the outputs,
soft-start time and the peak inductor current limit are also set
through I2C.
The switching frequency of the converters can either be set with I2C
or can be synchronized to an external clock connected to SYNC pin
if needed. The switching regulators are designed to operate from
300kHz to 2.2MHz. Each converter operates in phase or out-of-phase
according to the value in the phase setting register. This can minimize
the input filter requirements.
XR77103 features a supervisor circuit that monitors each
converter output. PGOOD pin is asserted once sequencing is done,
all outputs are reported in regulation, and the reset timer expires.
The polarity of the signal is active high.
XR77103 also features a light load pulse skipping mode (PSM). It is
set through I2C. The PSM mode allows for a reduction on the input
power supplied to the system when the host processor is in stand-by
(low activity) mode.


Similar Part No. - XR77103ELB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR77103ELB-A0R5 EXAR-XR77103ELB-A0R5 Datasheet
1Mb / 19P
   Universal PMIC 3-Output Buck Regulator
XR77103ELB-A1R0 EXAR-XR77103ELB-A1R0 Datasheet
1Mb / 19P
   Universal PMIC 3-Output Buck Regulator
XR77103ELBTR-A0R5 EXAR-XR77103ELBTR-A0R5 Datasheet
1Mb / 19P
   Universal PMIC 3-Output Buck Regulator
XR77103ELBTR-A1R0 EXAR-XR77103ELBTR-A1R0 Datasheet
1Mb / 19P
   Universal PMIC 3-Output Buck Regulator
More results

Similar Description - XR77103ELB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR77103-A1R0 EXAR-XR77103-A1R0 Datasheet
1Mb / 19P
   Universal PMIC 3-Output Buck Regulator
XR77103-A0R5 EXAR-XR77103-A0R5 Datasheet
1Mb / 19P
   Universal PMIC 3-Output Buck Regulator
logo
Texas Instruments
TPS5210 TI1-TPS5210_16 Datasheet
748Kb / 31P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210 TI-TPS5210 Datasheet
417Kb / 29P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
logo
Sipex Corporation
SP6656 SIPEX-SP6656 Datasheet
185Kb / 17P
   High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
logo
Linear Technology
DC1023A LINER-DC1023A_15 Datasheet
294Kb / 1P
   36V BUCK REGULATOR WITH PROGRAMMABLE FREQUENCY
logo
Allegro MicroSystems
A81407 ALLEGRO-A81407 Datasheet
3Mb / 58P
   Multi-Output Regulator with Buck or Buck-Boost Pre-Regulator
logo
Semtech Corporation
SC190 SEMTECH-SC190 Datasheet
1Mb / 18P
   Synchronous Buck Converter with Programmable Output
logo
Richtek Technology Corp...
RT9032 RICHTEK-RT9032 Datasheet
264Kb / 13P
   Programmable Dual Output Linear Regulator
logo
National Semiconductor ...
LM2635 NSC-LM2635 Datasheet
288Kb / 13P
   5-Bit Programmable Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com