Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR77103-A0R5 Datasheet(PDF) 6 Page - Exar Corporation

Part # XR77103-A0R5
Description  Universal PMIC 3-Output Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR77103-A0R5 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR77103-A0R5 Datasheet HTML 2Page - Exar Corporation XR77103-A0R5 Datasheet HTML 3Page - Exar Corporation XR77103-A0R5 Datasheet HTML 4Page - Exar Corporation XR77103-A0R5 Datasheet HTML 5Page - Exar Corporation XR77103-A0R5 Datasheet HTML 6Page - Exar Corporation XR77103-A0R5 Datasheet HTML 7Page - Exar Corporation XR77103-A0R5 Datasheet HTML 8Page - Exar Corporation XR77103-A0R5 Datasheet HTML 9Page - Exar Corporation XR77103-A0R5 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
XR
77103-A0R5
6/19
REV1A
Pin Configuration
Pin Functions
Pin Number
Pin Name
Description
1
VFB3
Buck 3 feedback pin.
2
COMP3
Compensation pin for Buck 3. Connect a series RC circuit to this pin for compensation.
3
NC
No connect.
4
VIN
IC supply pin. Connect a capacitor as close as possible to this pin.
5
GND
Ground.
6
VCC
Internal supply. Connect a ceramic capacitor from this pin to ground.
7
COMP1
Compensation pin for Buck 1. Connect a series RC circuit to this pin for compensation.
8
VFB1
Buck 1 feedback pin.
9
BST1
Bootstrap capacitor for Buck 1. Connect a bootstrap capacitor from this pin to LX1.
10
VIN1
Input supply for Buck 1. Connect a capacitor as close as possible to this pin.
11
LX1
Switching node for Buck 1.
12
LX1
Switching node for Buck 1.
13
LX2
Switching node for Buck 2.
14
LX2
Switching node for Buck 2.
15
VIN2
Input supply for Buck 2. Connect a capacitor as close as possible to this pin.
16
BST2
Bootstrap capacitor for Buck 2. Connect a bootstrap capacitor from this pin to LX2.
17
VFB2
Buck 2 feedback pin.
18
COMP2
Compensation pin for Buck 2. Connect a series RC circuit to this pin for compensation.
19
DGND
Digital ground.
20
NC
No connect.
COMP3
1
2
3
4
5
6
7
8
32
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
VFB3
NC
PGOOD
GND
VFB1
COMP1
NC
DGND
NC
NC
NC
VFB2
COMP2
VIN
VCC


Similar Part No. - XR77103-A0R5

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR77103-A1R0 EXAR-XR77103-A1R0 Datasheet
1Mb / 19P
   Universal PMIC 3-Output Buck Regulator
More results

Similar Description - XR77103-A0R5

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR77103-A1R0 EXAR-XR77103-A1R0 Datasheet
1Mb / 19P
   Universal PMIC 3-Output Buck Regulator
XR77103 EXAR-XR77103 Datasheet
1Mb / 28P
   3-Output Programmable Buck Regulator
XRP7720 EXAR-XRP7720 Datasheet
1Mb / 28P
   Quad Output Universal Customizable PMIC with PFM
logo
Advanced Analogic Techn...
AAT2782 ANALOGICTECH-AAT2782 Datasheet
3Mb / 22P
   Triple Output PMIC: Dual Buck with Low-VIN LDO
AAT2783 ANALOGICTECH-AAT2783 Datasheet
1Mb / 22P
   Triple Output PMIC: Dual Buck with Low-VIN LDO
logo
Skyworks Solutions Inc.
AAT2782 SKYWORKS-AAT2782_12 Datasheet
3Mb / 22P
   Triple-Output PMIC Dual Buck with Low-VIN LDO
AAT2783 SKYWORKS-AAT2783_12 Datasheet
3Mb / 22P
   Triple-Output PMIC Dual Buck with Low-VIN LDO
logo
Allegro MicroSystems
A81407 ALLEGRO-A81407 Datasheet
3Mb / 58P
   Multi-Output Regulator with Buck or Buck-Boost Pre-Regulator
logo
Unisonic Technologies
USR1051 UTC-USR1051 Datasheet
179Kb / 4P
   3 A SYNCHRONOUS BUCK REGULATOR
logo
ON Semiconductor
NCP3155BDR2G ONSEMI-NCP3155BDR2G Datasheet
419Kb / 25P
   3 A Synchronous Buck Regulator
February, 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com