Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR76116EVB Datasheet(PDF) 1 Page - Exar Corporation

Part # XR76116EVB
Description  PowerBloxTM 15A and 20A Synchronous
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76116EVB Datasheet(HTML) 1 Page - Exar Corporation

  XR76116EVB Datasheet HTML 1Page - Exar Corporation XR76116EVB Datasheet HTML 2Page - Exar Corporation XR76116EVB Datasheet HTML 3Page - Exar Corporation XR76116EVB Datasheet HTML 4Page - Exar Corporation XR76116EVB Datasheet HTML 5Page - Exar Corporation XR76116EVB Datasheet HTML 6Page - Exar Corporation XR76116EVB Datasheet HTML 7Page - Exar Corporation XR76116EVB Datasheet HTML 8Page - Exar Corporation XR76116EVB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
PowerBlox
TM 15A and 20A Synchronous
Step-Down COT Regulators
XR
76116/20
1/19
REV1A
FEATURES
15A and 20A step-down regulators
4.5V to 5.5V low VIN operation
5V to 22V wide single input voltage
3V to 22V operation with external
5V bias
≥0.6V adjustable output voltage
Proprietary constant on-time control
No loop compensation required
Ceramic output capacitor stable
operation
Programmable 70ns-1μs on-time
Constant 200kHz-1MHz frequency
Selectable CCM or CCM/DCM
operation
Power-good flag with low impedance when
power removed
Precision enable
Programmable soft-start
5mm x 6mm QFN package
APPLICATIONS
Servers
Distributed power architecture
Point-of-load converters
FPGA, DSP and processor supplies
Base stations, switches/routers
Description
The XR76116 and XR76120 are synchronous step-down regulators
combining the controller, drivers, bootstrap diode and MOSFETs
in a single package for point-of-load supplies. The XR76116 has a
load current rating of 15A and the XR76120 has a load current rating
of 20A. A wide 5V to 22V input voltage range allows for single supply
operation from industry standard 5V, 12V and 19.6V rails.
With a proprietary emulated current mode constant on-time (COT)
control scheme, the XR76116/20 provide extremely fast line and
load transient response using ceramic output capacitors. They
require no loop compensation, simplifying circuit implementation
and reducing overall component count. The control loop also
provides 0.1% load and 0.1% line regulation and maintains constant
operating frequency. A selectable power saving mode, allows the user
to operate in discontinuous mode (DCM) at light current loads thereby
significantly increasing the converter efficiency.
A host of protection features, including overcurrent, over temperature,
overvoltage, short-circuit, open feedback detect and UVLO, helps
achieve safe operation under abnormal operating conditions.
The XR76116/20 are available in a RoHS-compliant, green/halogen-
free space-saving 5mm x 6mm QFN package.
Typical Application
Figure 1. XR76116/20 Typical Application
Figure 2. XR76120 Efficiency
ENABLE
VIN
CIN
POWER GOOD
R
CVCC
CSS
RON
RLIM
RFF
COUT
CFF
VOUT
VOUT
CBST
L1
R1
R2
XR76116/20
EN
VIN
PVIN
PGOOD
VCC
SS
TON
AGND
BST
SW
ILIM
FB
FCCM
VSNS
PGND
R1
R2
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
0.1
5.1
10.1
15.1
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
600kHz
800kHz
IOUT (A)
20.1


Similar Part No. - XR76116EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
XR76115EL-F EXAR-XR76115EL-F Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
XR76115ELMTR-F EXAR-XR76115ELMTR-F Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
XR76115ELTR-F EXAR-XR76115ELTR-F Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
XR76115EVB EXAR-XR76115EVB Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
More results

Similar Description - XR76116EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76117 EXAR-XR76117 Datasheet
3Mb / 18P
   PowerBloxTM 15A Synchronous
XR76121 EXAR-XR76121 Datasheet
1Mb / 18P
   PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
   40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
logo
Intersil Corporation
HGTP15N40C1 INTERSIL-HGTP15N40C1 Datasheet
35Kb / 5P
   15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
logo
ON Semiconductor
FAN23SV65AMPX ONSEMI-FAN23SV65AMPX Datasheet
1Mb / 22P
   15A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN23SV15MAMPX ONSEMI-FAN23SV15MAMPX Datasheet
1Mb / 21P
   15A Synchronous Buck Regulator
Rev. 1.1
FAN23SV20MAMPX ONSEMI-FAN23SV20MAMPX Datasheet
1Mb / 21P
   20A Synchronous Buck Regulator
Rev. 1.1
FAN23SV70AMPX ONSEMI-FAN23SV70AMPX Datasheet
2Mb / 22P
   20A Synchronous Buck Regulator
April 2016 Rev. 1.1
logo
Eldeco Srl
CRF-5.08-F ELDECO-CRF-5.08-F Datasheet
179Kb / 1P
   Standard : UL - IEC 300V - 320V 15A - 20A
CRS-5 ELDECO-CRS-5 Datasheet
342Kb / 1P
   Standard : UL - IEC 300V - 320V 15A - 20A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com