Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR76120ELMTR-F Datasheet(PDF) 4 Page - Exar Corporation

Part # XR76120ELMTR-F
Description  PowerBloxTM 15A and 20A Synchronous
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76120ELMTR-F Datasheet(HTML) 4 Page - Exar Corporation

  XR76120ELMTR-F Datasheet HTML 1Page - Exar Corporation XR76120ELMTR-F Datasheet HTML 2Page - Exar Corporation XR76120ELMTR-F Datasheet HTML 3Page - Exar Corporation XR76120ELMTR-F Datasheet HTML 4Page - Exar Corporation XR76120ELMTR-F Datasheet HTML 5Page - Exar Corporation XR76120ELMTR-F Datasheet HTML 6Page - Exar Corporation XR76120ELMTR-F Datasheet HTML 7Page - Exar Corporation XR76120ELMTR-F Datasheet HTML 8Page - Exar Corporation XR76120ELMTR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
XR
76116/20
4/19
REV1A
Electrical Characteristics (Continued)
Specifications are for operating junction temperature of TJ = 25°C only; limits applying over the full operating junction
temperature range are denoted by a •. Typical values represent the most likely parametric norm at TJ = 25°C, and are
provided for reference purposes only. Unless otherwise indicated, VIN = 12V, SW = AGND = PGND = 0V, CVCC = 4.7uF.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Mode Control (FCCM)
FCCM mode logic high threshold
FCCM rising
2.4
V
FCCM mode logic low threshold
FCCM falling
0.4
V
Input leakage current
100
nA
Open Feedback/OVP Detect (VSNS)
OVP trip high threshold
VSNS rising. Specified as % of VREF
115
120
125
%
OVP trip low threshold
VSNS falling. Specified as % of VREF
115
%
OVP comparator delay
VSNS rising
0.5
1
3.5
μs
Delay to turn off power stage from an
overvoltage event
VSNS rising
3.5
μs
Protection: OCP, OTP, Short-Circuit
Hiccup timeout
110
ms
ILIM/RDS
XR76116
6.30
7.15
8.00
μA/mΩ
ILIM/RDS
XR76120
14.5
16.2
18.0
μA/mΩ
ILIM current temperature coefficient
0.4
%/°C
ILIM comparator offset
-4.7
0
4.7
mV
ILIM comparator offset
-8.0
0
8.0
mV
Current limit blanking
100
ns
Thermal shutdown threshold
Rising temperature
138
°C
Thermal hysteresis
15
°C
Feedback pin short-circuit threshold
Percent of VREF, short circuit is active.
After PGOOD asserts high.
506070
%
XR76116 Output Power Stage
High-side MOSFET RDS(ON)
IDS = 2A
7.7
10
Low-side MOSFET RDS(ON)
IDS = 2A
7.0
10
Maximum output current
15
A
XR76120 Output Power Stage
High-side MOSFET RDS(ON)
IDS = 2A
7.7
10
Low-side MOSFET RDS(ON)
IDS = 2A
3.1
3.5
Maximum output current
20
A


Similar Part No. - XR76120ELMTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76121 EXAR-XR76121 Datasheet
1Mb / 18P
   PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR76121EL-F EXAR-XR76121EL-F Datasheet
1Mb / 18P
   PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR76121EL-F EXAR-XR76121EL-F Datasheet
1Mb / 19P
   PowerBlox 20A Synchronous Step-Down COT Regulators
XR76121ELMTR-F EXAR-XR76121ELMTR-F Datasheet
1Mb / 18P
   PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR76121ELMTR-F EXAR-XR76121ELMTR-F Datasheet
1Mb / 19P
   PowerBlox 20A Synchronous Step-Down COT Regulators
More results

Similar Description - XR76120ELMTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76117 EXAR-XR76117 Datasheet
3Mb / 18P
   PowerBloxTM 15A Synchronous
XR76121 EXAR-XR76121 Datasheet
1Mb / 18P
   PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
   40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
logo
Intersil Corporation
HGTP15N40C1 INTERSIL-HGTP15N40C1 Datasheet
35Kb / 5P
   15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
logo
ON Semiconductor
FAN23SV65AMPX ONSEMI-FAN23SV65AMPX Datasheet
1Mb / 22P
   15A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN23SV15MAMPX ONSEMI-FAN23SV15MAMPX Datasheet
1Mb / 21P
   15A Synchronous Buck Regulator
Rev. 1.1
FAN23SV20MAMPX ONSEMI-FAN23SV20MAMPX Datasheet
1Mb / 21P
   20A Synchronous Buck Regulator
Rev. 1.1
FAN23SV70AMPX ONSEMI-FAN23SV70AMPX Datasheet
2Mb / 22P
   20A Synchronous Buck Regulator
April 2016 Rev. 1.1
logo
Eldeco Srl
CRF-5.08-F ELDECO-CRF-5.08-F Datasheet
179Kb / 1P
   Standard : UL - IEC 300V - 320V 15A - 20A
CRS-5 ELDECO-CRS-5 Datasheet
342Kb / 1P
   Standard : UL - IEC 300V - 320V 15A - 20A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com