Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5V100-DO Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 5V100-DO
Description  Trench MOS Barrier Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

5V100-DO Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  5V100-DO Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 5V100-DO Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 5V100-DO Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5V100 DO-201AD
Maximum ratings and electrical characteristics (TJ = 25°C unless otherwise noted)
Maximum repetitive peak reverse voltage
Maximum average forward rectified current
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load per diode
Operating junction and storage temperature range
Typical thermal resistance per diode
(Mounted on FR-4 PCB)
Instantaneous forward voltage
Instantaneous reverse current per diode
at rated reverse voltage
Notes:
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
40 ms
uA
TJ=125°C
40
mA
IF=
5A
TJ=125°C
0.
48
-
TJ=25°C
IR(2)
0.
36
-
IF=
5A
TJ=25°C
0.
54
VF(1)
TYP.
MAX.
V
IF=2A
TJ=25°C
0.
49
-
IF=2A
TJ=125°C
TJ, TSTG
-40 to +150
°C
RƟJC
2
2
°C/W
IF(AV)
5
A
IFSM
200
A
Trench MOS Barrier Schottky Rectifier
Parameter
Symbol
Limit
Unit
VRRM
100
V
Features
• Advanced trench technology
• Low forward voltage drop
• Low power losses
• High efficiency operation
Lead Free Finish, RoHS Compliant
Applications
• DC/DC Converters
• AC/DC Adaptors
Anode
Cathode
DO-201AD
5V100
-
-
60
-
www.yfwdiode.com


Similar Part No. - 5V100-DO

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
5V100-DO-201AD YFWDIODE-5V100-DO-201AD Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
More results

Similar Description - 5V100-DO

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30DL45BP VISHAY-V30DL45BP Datasheet
122Kb / 6P
   Trench MOS Barrier Schottky Rectifier
Revision: 18-Mar-14
V10PL45-M3 VISHAY-V10PL45-M3 Datasheet
88Kb / 6P
   Trench MOS Barrier Schottky Rectifier
Revision: 09-Dec-13
VBT1045CBP VISHAY-VBT1045CBP_15 Datasheet
91Kb / 5P
   Trench MOS Barrier Schottky Rectifier
Revision: 22-May-12
logo
DONGGUAN YOU FENG WEI E...
8A45-DO-201AD YFWDIODE-8A45-DO-201AD Datasheet
1,012Kb / 3P
   Trench MOS Barrier Schottky Rectifier
8L45-DO-201AD YFWDIODE-8L45-DO-201AD Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
3L40-DO-201AD YFWDIODE-3L40-DO-201AD Datasheet
829Kb / 3P
   Trench MOS Barrier Schottky Rectifier
10L80-DO-201AD YFWDIODE-10L80-DO-201AD Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
logo
Vishay Siliconix
VT1080S VISHAY-VT1080S_12 Datasheet
148Kb / 5P
   Trench MOS Barrier Schottky Rectifier
Revision: 08-Sep-09
VFT2080S VISHAY-VFT2080S Datasheet
78Kb / 4P
   Trench MOS Barrier Schottky Rectifier
Revision: 18-Nov-10
logo
DONGGUAN YOU FENG WEI E...
10V150SP YFWDIODE-10V150SP Datasheet
838Kb / 3P
   Trench MOS Barrier Schottky Rectifier
15L45SC YFWDIODE-15L45SC Datasheet
731Kb / 3P
   Trench MOS Barrier Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com