Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH2D14NP-R36NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH2D14NP-R36NC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH2D14NP-R36NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH2D14NP-R36NC Datasheet HTML 1Page - Sumida Corporation CDRH2D14NP-R36NC Datasheet HTML 2Page - Sumida Corporation CDRH2D14NP-R36NC Datasheet HTML 3Page - Sumida Corporation CDRH2D14NP-R36NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH2D14
Electrical Characteristics
0.64
0.42
0.62
394(315)
12
±30%
M
CDRH2D14NP-120NC
0.76
0.46
0.70
294(235)
10
±30%
L
CDRH2D14NP-100NC
0.80
0.51
0.80
281(225)
8.2
±30%
K
CDRH2D14NP-8R2NC
0.92
0.56
0.85
213(170)
6.8
±30%
J
CDRH2D14NP-6R8NC
0.98
0.60
0.95
188(150)
5.6
±30%
H
CDRH2D14NP-5R6NC
1.00
0.68
1.00
169(135)
4.7
±30%
G
CDRH2D14NP-4R7NC
1.12
0.75
1.10
138(110)
3.9
±30%
F
CDRH2D14NP-3R9NC
1.24
0.82
1.20
125(100)
3.3
±30%
E
CDRH2D14NP-3R3NC
1.40
0.90
1.35
106(85)
2.7
±30%
D
CDRH2D14NP-2R7NC
1.60
1.00
1.50
94(75)
2.2
±30%
C
CDRH2D14NP-2R2NC
1.80
1.10
1.65
75(60)
1.8
±30%
B
CDRH2D14NP-1R8NC
2.00
1.20
1.80
63(50)
1.5
±30%
A
CDRH2D14NP-1R5NC
2.75
1.35
1.95
49(38)
1.2
±30%
S
CDRH2D14NP-1R2NC
2.85
1.68
2.10
39(30)
0.82
±35%
R
CDRH2D14NP-R82NC
3.45
1.75
2.20
33(25)
0.60
±35%
Q
CDRH2D14NP-R60NC
4.10
2.55
3.25
26(20)
0.36
±35%
P
CDRH2D14NP-R36NC
4.74
2.70
3.80
21(16)
0.21
±35%
N
CDRH2D14NP-R21NC
at 100
at 20
Temperature
Rise Current
(A)
※3
Saturation Current
(A)※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Stamp
Part Name
※1 Inductance measuring condition: at 100 kHz.
※2 Saturation current: The DC current at which the inductance decreases to 65% of it's nominal value.
※3 Temperature rise current: The DC current at which the temperature rise is △T=40℃.(Ta=20℃)


Similar Part No. - CDRH2D14NP-R36NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH2D14NP-R36NC SUMIDA-CDRH2D14NP-R36NC Datasheet
232Kb / 5P
   Ferrite drum core construction.
More results

Similar Description - CDRH2D14NP-R36NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com