Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3806I33DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3806I33DBVR
Description  DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3806I33DBVR Datasheet(HTML) 1 Page - Texas Instruments

  TPS3806I33DBVR Datasheet HTML 1Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 2Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 3Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 4Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 5Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 6Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 7Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 8Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TPS3806J20, TPS3806I33
DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
SLVS393 – JULY 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Dual Voltage Detector With Adjustable
Hysteresis 3.3-V/Adjustable and
2-V/Adjustable
D Assured Reset at VDD = 0.8 V
D Supply Current: 3 µA Typical at VDD = 3.3 V
D Independent Open-Drain Reset Outputs
D Temperature Range ...–40°C to 85°C
D Six-Pin SOT-23 Package
description
The TPS3806 integrates two independent voltage
detectors for battery voltage monitoring. During
power-on, RESET and RSTSENSE are asserted
when supply voltage VDD or the voltage at
LSENSE input become higher than 0.8 V.
Thereafter, the supervisory circuit monitors VDD
and LSENSE, keeping RESET and RSTSENSE
active as long as VDD and LSENSE remain below
the threshold voltage VIT. As soon as VDD or
LSENSE rise above the threshold voltage VIT,
RESET
or
RSTSENSE
is
deasserted,
respectively.
The
TPS3806
device
has
a
fixed-sense threshold voltage VIT set by an
internal voltage divider at VDD and an adjustable
second-LSENSE input. In addition, an upper
voltage threshold can be set at HSENSE to allow
a wide adjustable hysteresis window.
The devices are available in a 6-pin SOT-23 package. The TPS3806 device is characterized for operation over
a temperature range of –40
°C to 85°C.
PACKAGE INFORMATION
T
DEVICE NAME
THRESHOLD VOLTAGE
MARKING
TA
DEVICE NAME
VDD
SENSE
MARKING
40
_Cto85_C
TPS3806J20DBVR†
TPS3806J20DBVT‡
1.8 V
1.207 V
PGQI
–40
_C to 85_C
TPS3806I33DBVR†
TPS3806I33DBVT‡
3 V
1.207 V
PGPI
† The DBVR passive indicates tape and reel containing 3000 parts.
‡ The DBVT passive indicates tape and reel containing 250 parts.
ordering information
TPS380
6
I
33
DBV R
Reel
Package
Nominal Supply Voltage
Nominal Threshold Voltage
Functionality
Family
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
3
2
4
6
(TOP VIEW)
1
RSTSENSE
GND
RESET
HSENSE
VDD
TPS3806
DBV PACKAGE
LSENSE
5
VDD
LSENSE
HSENSE
RESET
RSTSENSE
GND
R4
R5
R1
R2
R3
3.6 V
Li-lon
Cell
TPS3806I33
typical operating circuit
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TPS3806I33DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3806I33DBVR TI1-TPS3806I33DBVR Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806I33DBVR TI1-TPS3806I33DBVR Datasheet
805Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806I33DBVRG4 TI1-TPS3806I33DBVRG4 Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806I33DBVRG4 TI1-TPS3806I33DBVRG4 Datasheet
805Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
More results

Similar Description - TPS3806I33DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3806I33-Q1 TI1-TPS3806I33-Q1 Datasheet
790Kb / 15P
[Old version datasheet]   Dual Voltage Detector With Adjustable Hysteresis
TPS3806J20 TI1-TPS3806J20_16 Datasheet
805Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806J20 TI1-TPS3806J20_15 Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779_06 Datasheet
148Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2778 MICREL-MIC2778_05 Datasheet
169Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2778 MICREL-MIC2778 Datasheet
65Kb / 8P
   Voltage Monitor with Adjustable Hysteresis Preliminary Information
logo
Maxim Integrated Produc...
MAX9601EVKIT MAXIM-MAX9601EVKIT Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779 Datasheet
52Kb / 8P
   Voltage Monitor with Adjustable Hysteresis Preliminary Information
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com