Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD801ZP Datasheet(PDF) 6 Page - Jianghai Europe GmbH

Part # CD801ZP
Description  10 000h at 85째C
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGHAI [Jianghai Europe GmbH]
Direct Link  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD801ZP Datasheet(HTML) 6 Page - Jianghai Europe GmbH

  CD801ZP Datasheet HTML 1Page - Jianghai Europe GmbH CD801ZP Datasheet HTML 2Page - Jianghai Europe GmbH CD801ZP Datasheet HTML 3Page - Jianghai Europe GmbH CD801ZP Datasheet HTML 4Page - Jianghai Europe GmbH CD801ZP Datasheet HTML 5Page - Jianghai Europe GmbH CD801ZP Datasheet HTML 6Page - Jianghai Europe GmbH CD801ZP Datasheet HTML 7Page - Jianghai Europe GmbH CD801ZP Datasheet HTML 8Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
14
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0)2151 652088-72 or info@jianghai-europe.com
Life Time Estimation
Lifetime Estimation of Aluminum Electrolytic Capacitors from Jianghai
To estimate the Lifetime of a non-solid Aluminum Electrolytic Capacitor from
Jianghai, the following formulas can be utilized. The
Lifetime depends mainly on the ambient temperature, the ripple current and, within certain limits, the operating voltage applied.
Other parameters may also affect the Lifetime. Moreover, L
0 can be interpreted in many different ways, which has a fundamental
influence on the numerical result.
Jianghai offers a high transparency by publishing the different typical definitions of Lifetimes in
each datasheet. Lifetime estimations are approximations by nature.
Please let
JiAnGHAi EuroPE confirm any result before using it. The formulas given here do not constitute part of a contract nor
of a specification. The formulas do not cover additional aging effects of certain electrolytic systems or other chemical effects. Please
contact us should you need Lifetime estimates for Solid Electrolyte Polymer Capacitors. Also the dimensions of the components
may have an effect. Forced cooling or other additional cooling-methods have a strong impact on the Lifetime and are not covered
by the formulas.
For the estimation and interpretation of Lifetime, a close collaboration with
JiAnGHAi EuroPE is strongly advised.
Structural formula:
L = L
0 · KT · KR · KV
Where:
L
Total Lifetime
L
0
Lifetime under Rated Ripple Current at Upper
Category Temperature (see catalogue)
K
T
Temperature Factor
K
R
Ripple Current Factor
K
V
Voltage Factor
1. K
T Temperature Factor:
Aluminum Electrolytic Capacitors follow roughly the 10 K rule of Arrhenius. It is possible to estimate the
Lifetime by rule of thumb: When the operational temperature is reduced by 10 K, the Lifetime will double.
The formula for K
T in detail is:
K
T = 2
T
0 - TA
10K
Where:
T
0
Rated Temperature
T
A
Ambient Temperature, Upper Category Temperature
2. K
R ripple Current Factor: The influence of ripple current on Lifetime can be estimated according to
the following formula:
K
R = Ki
∆ T
0
10K
( )
A
A= 1 –
I
A
I
R
2
With:
Where:
I
A
Actual Rated Ripple Current
I
R
Ripple Current at Upper Category Temperature (databook value)
ΔT
0
Core Temperature Rise of the capacitor
(typically 5K for T
0 = 105°C and 10K for T0 = 85°C)
K
i
Basis, defined as
T
0 = 105°C
I
A > IR:
K
i = 4
I
A ≤ IR:
K
i = 2
T
0 =
85°C
K
i = 2


Similar Part No. - CD801ZP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CD80 COOPER-CD80 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Jianghai Europe GmbH
CD804ZM JIANGHAI-CD804ZM Datasheet
644Kb / 8P
   4000h at 105째C
logo
Continental Device Indi...
CD8050B CDIL-CD8050B Datasheet
226Kb / 2P
   TO-92 Plastic Package Transistors (NPN)
CD8050C CDIL-CD8050C Datasheet
226Kb / 2P
   TO-92 Plastic Package Transistors (NPN)
CD8050D CDIL-CD8050D Datasheet
226Kb / 2P
   TO-92 Plastic Package Transistors (NPN)
More results

Similar Description - CD801ZP

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD840ZQ JIANGHAI-CD840ZQ Datasheet
643Kb / 8P
   10 000h at 85째C
CD895ZK JIANGHAI-CD895ZK Datasheet
694Kb / 10P
   14 000h at 85째C
CD269LHL JIANGHAI-CD269LHL Datasheet
585Kb / 7P
   4 000 - 10 000h at 125째C
CD892ZL JIANGHAI-CD892ZL Datasheet
666Kb / 8P
   5 000h at 105째C
CD281LLH JIANGHAI-CD281LLH Datasheet
610Kb / 8P
   6 000 - 12 000h at 105째C
CD891ZJ JIANGHAI-CD891ZJ Datasheet
671Kb / 8P
   4000h at 85째C
logo
TE Connectivity Ltd
EVC-250 TEC-EVC-250 Datasheet
299Kb / 3P
   Limiting continuous current 250A at 85째C
150 TEC-150 Datasheet
563Kb / 3P
   Limiting continuous current 130A at 85째C
logo
Tyco Electronics
1308028-2 MACOM-1308028-2 Datasheet
349Kb / 6P
   Limiting continuous current 32 A at 85째C
logo
Nichicon corporation
LLS2G101MELZ NICHICON-LLS2G101MELZ Datasheet
77Kb / 5P
   Withstanding 3000 hours application of rated ripple current at 85째C.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com