Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH2D11B Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH2D11B
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH2D11B Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH2D11B_14 Datasheet HTML 1Page - Sumida Corporation CDRH2D11B_14 Datasheet HTML 2Page - Sumida Corporation CDRH2D11B_14 Datasheet HTML 3Page - Sumida Corporation CDRH2D11B_14 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH2D11B
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.42
0.26
0.35
801(641)
22.0
±25%
M
CDRH2D11BNP-220NC
0.43
0.30
0.36
730(584)
18.0
±25%
L
CDRH2D11BNP-180NC
0.46
0.33
0.40
663(530)
15.0
±25%
K
CDRH2D11BNP-150NC
0.58
0.40
0.48
428(342)
10.0
±25%
J
CDRH2D11BNP-100NC
0.60
0.44
0.52
376(301)
8.2
±25%
I
CDRH2D11BNP-8R2NC
0.72
0.50
0.60
284(227)
6.8
±25%
H
CDRH2D11BNP-6R8NC
0.75
0.54
0.65
264(211)
5.6
±25%
G
CDRH2D11BNP-5R6NC
0.80
0.56
0.70
248(198)
4.7
±25%
F
CDRH2D11BNP-4R7NC
1.00
0.70
0.88
154(123)
3.3
±25%
E
CDRH2D11BNP-3R3NC
1.20
0.75
0.92
120(95.6)
2.7
±25%
D
CDRH2D11BNP-2R7NC
1.40
0.9
1.10
95.5(76.4)
2.2
±25%
C
CDRH2D11BNP-2R2NC
1.45
1.05
1.25
84.3(67.4)
1.5
±25%
B
CDRH2D11BNP-1R5NC
1.70
1.25
1.50
62.6(50.1)
1.0
±25%
A
CDRH2D11BNP-1R0NC
at 100
at 20
Temperature
Rise Current
(A)
※3
Saturation Current
(A)
※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[within]
※1
Stamp
Part Name


Similar Part No. - CDRH2D11B_14

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH2D11BHP SUMIDA-CDRH2D11BHP Datasheet
154Kb / 3P
   SMD Power Inductor
CDRH2D11BHPHF-100PC SUMIDA-CDRH2D11BHPHF-100PC Datasheet
154Kb / 3P
   SMD Power Inductor
CDRH2D11BHPHF-1R0PC SUMIDA-CDRH2D11BHPHF-1R0PC Datasheet
154Kb / 3P
   SMD Power Inductor
CDRH2D11BHPHF-1R5PC SUMIDA-CDRH2D11BHPHF-1R5PC Datasheet
154Kb / 3P
   SMD Power Inductor
CDRH2D11BHPHF-1R8PC SUMIDA-CDRH2D11BHPHF-1R8PC Datasheet
154Kb / 3P
   SMD Power Inductor
More results

Similar Description - CDRH2D11B_14

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com