Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD75T125NP-101KC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CD75T125NP-101KC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD75T125NP-101KC Datasheet(HTML) 2 Page - Sumida Corporation

  CD75T125NP-101KC Datasheet HTML 1Page - Sumida Corporation CD75T125NP-101KC Datasheet HTML 2Page - Sumida Corporation CD75T125NP-101KC Datasheet HTML 3Page - Sumida Corporation CD75T125NP-101KC Datasheet HTML 4Page - Sumida Corporation CD75T125NP-101KC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 13-Jan-16
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD75/T125
Electrical Characteristics
※1 Measuring frequency 10μH ~ 82μH ; at 2.52 MHz
100
μH ~820μH ; at 1 kHz
※2 Saturation current: This indicates the actual value of D.C. current when the inductance becomes 10% lower than
its initial value.(Ta
=20℃)
※3 Temperature rise current: The actual value of D.C. current when the temperature of coil becomes △T=40℃
(Ta
=20℃).
0.60
0.43
1.96
470
μH±10%
471K
CD75T125NP-471KC
0.64
0.47
1.77
390
μH±10%
391K
CD75T125NP-391KC
0.72
0.51
1.26
330
μH±10%
331K
CD75T125NP-331KC
0.74
0.54
1.11
270
μH±10%
271K
CD75T125NP-271KC
0.80
0.61
0.96
220
μH±10%
221K
CD75T125NP-221KC
0.93
0.63
0.71
180
μH±10%
181K
CD75T125NP-181KC
0.96
0.73
0.64
150
μH±10%
151K
CD75T125NP-151KC
1.17
0.87
0.47
120
μH±10%
121K
CD75T125NP-121KC
1.29
0.90
0.43
100
μH±10%
101K
CD75T125NP-101KC
1.34
0.95
0.37
82
μH±10%
820K
CD75T125NP-820KC
1.48
1.06
0.28
68
μH±10%
680K
CD75T125NP-680KC
1.72
1.22
0.24
56
μH±10%
560K
CD75T125NP-560KC
1.95
1.26
0.18
47
μH±10%
470K
CD75T125NP-470KC
2.05
1.39
0.16
39
μH±10%
390K
CD75T125NP-390KC
2.35
1.51
0.13
33
μH±10%
330K
CD75T125NP-330KC
2.46
1.66
0.12
27
μH±10%
270K
CD75T125NP-270KC
2.63
1.80
0.11
22
μH±10%
220K
CD75T125NP-220KC
2.80
2.00
0.10
18
μH±10%
180K
CD75T125NP-180KC
3.02
2.16
0.09
15
μH±10%
150K
CD75T125NP-150KC
3.15
2.45
0.08
12
μH±10%
120K
CD75T125NP-120KC
3.18
2.80
0.07
10
μH±10%
100K
CD75T125NP-100KC
Temperature
rise current
(A)
※3
Saturation
current (A)
(at 20
℃)
※2
D.C.R.
(
Ω)
[Max.]
(at 20
℃)
Inductance
[Within]
※1
Stamp
Part No.


Similar Part No. - CD75T125NP-101KC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CD75 SUMIDA-CD75 Datasheet
517Kb / 6P
   CD75
logo
ECM Electronics Limited...
CD75 ECM-CD75 Datasheet
80Kb / 4P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CD75 AITCOMPONENTS-CD75 Datasheet
31Kb / 1P
   CD75 SMD POWER INDUCTOR
CD75-100 AITCOMPONENTS-CD75-100 Datasheet
31Kb / 1P
   CD75 SMD POWER INDUCTOR
CD75-101 AITCOMPONENTS-CD75-101 Datasheet
31Kb / 1P
   CD75 SMD POWER INDUCTOR
More results

Similar Description - CD75T125NP-101KC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com