Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDH53NP-270KC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH53NP-270KC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH53NP-270KC Datasheet(HTML) 2 Page - Sumida Corporation

  CDH53NP-270KC Datasheet HTML 1Page - Sumida Corporation CDH53NP-270KC Datasheet HTML 2Page - Sumida Corporation CDH53NP-270KC Datasheet HTML 3Page - Sumida Corporation CDH53NP-270KC Datasheet HTML 4Page - Sumida Corporation CDH53NP-270KC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 19-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH53
Electrical Characteristics
※1. Inductance measuring frequency: 2.2μH ~ 4.7μH at 7.96 MHz;
10
μH ~ 220μH at 1kHz.
※2. Rated current: The DC current at which the inductance decreases to 90% of it's initial value or when △t=40℃,
whichever is lower (Ta=20
℃).
0.26
3.73(2.99)
220
±5%
221
CDH53NP-221JC
0.30
2.66(2.13)
180
±5%
181
CDH53NP-181JC
0.31
2.40(1.92)
150
±5%
151
CDH53NP-151JC
0.34
1.80(1.44)
120
±5%
121
CDH53NP-121JC
0.37
1.57(1.25)
100
±5%
101
CDH53NP-101JC
0.39
1.34(1.07)
82
±5%
820
CDH53NP-820JC
0.45
1.21(0.96)
68
±5%
680
CDH53NP-680JC
0.50
0.87(0.67)
56
±10%
560
CDH53NP-560KC
0.53
0.77(0.59)
47
±10%
470
CDH53NP-470KC
0.64
0.55(0.43)
39
±10%
390
CDH53NP-390KC
0.67
0.49(0.38)
33
±10%
330
CDH53NP-330KC
0.72
0.42(0.32)
27
±10%
270
CDH53NP-270KC
0.80
0.39(0.30)
22
±10%
220
CDH53NP-220KC
0.88
0.28(0.21)
18
±10%
180
CDH53NP-180KC
1.00
0.25(0.20)
15
±10%
150
CDH53NP-150KC
1.12
0.18(0.14)
12
±15%
120
CDH53NP-120LC
1.23
0.16(0.13)
10
±15%
100
CDH53NP-100LC
1.68
96m (74m)
4.7
±20%
4R7
CDH53NP-4R7MC
1.88
88m (68m)
3.3
±20%
3R3
CDH53NP-3R3MC
2.03
66m (51m)
2.2
±20%
2R2
CDH53NP-2R2MC
Rated Current
(A)
※2
D.C.R. (
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
( H )
[ within ]
※1
Stamp
Part Name


Similar Part No. - CDH53NP-270KC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH53NP-270K SUMIDA-CDH53NP-270K Datasheet
172Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDH53NP-270KC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com