Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDEIR10D50MENP-R22MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDEIR10D50MENP-R22MC
Description  SMD Power Inductor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEIR10D50MENP-R22MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDEIR10D50MENP-R22MC Datasheet HTML 1Page - Sumida Corporation CDEIR10D50MENP-R22MC Datasheet HTML 2Page - Sumida Corporation CDEIR10D50MENP-R22MC Datasheet HTML 3Page - Sumida Corporation CDEIR10D50MENP-R22MC Datasheet HTML 4Page - Sumida Corporation CDEIR10D50MENP-R22MC Datasheet HTML 5Page - Sumida Corporation CDEIR10D50MENP-R22MC Datasheet HTML 6Page - Sumida Corporation CDEIR10D50MENP-R22MC Datasheet HTML 7Page - Sumida Corporation CDEIR10D50MENP-R22MC Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SMD Power Inductor
CDEIR10D50ME
Note
: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 2 of 4
Ver. 1.0 (2015.09)
www.sumida.com
Electrical Characteristics
Part No.
Stamp
Inductance
(µH)
[Within
]]]]※
※1
D.C.R.(m )
[Max.] (Typ.)
(at 20
℃)
Saturation
Current
(A) Typ.
(at 20
℃) ※
※2
Temperature
Rise
Current (A)
Typ.
※3
CDEIR10D50MENP-R22MC
R22
0.22±20
1.2 (1.0)
70.0
22.0
CDEIR10D50MENP-R47MC
R47
0.47±20
1.9 (1.6)
60.0
20.0
CDEIR10D50MENP-1R0MC
1R0
1.00±20
3.0 (2.5)
34.0
17.0
CDEIR10D50MENP-2R2MC
2R2
2.20±20
6.2 (5.0)
26.0
12.5
CDEIR10D50MENP-3R3MC
3R3
3.30±20
10.2 (8.5)
20.0
8.2
CDEIR10D50MENP-4R7MC
4R7
4.70±20
12.0 (10.0)
18.0
7.8
CDEIR10D50MENP-6R8MC
6R8
6.80±20
19.2 (16.0)
14.0
5.8
CDEIR10D50MENP-100MC
100
10.0±20
25.2 (21.0)
12.0
5.0
※1 Measuring conditions Inductance at 100kHz 1V.
※2 Saturation current: the actual value of D.C. current when inductance is above 80% of its nominal value.
※3 Temperature rise current: the actual value of D.C. current when temperature of coil increased △T=40℃
(Ta
=20℃)


Similar Part No. - CDEIR10D50MENP-R22MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEIR10D47ME SUMIDA-CDEIR10D47ME Datasheet
141Kb / 2P
   SMD Power Inductor
CDEIR10D47MENP-1R2MC SUMIDA-CDEIR10D47MENP-1R2MC Datasheet
141Kb / 2P
   SMD Power Inductor
CDEIR10D48ME SUMIDA-CDEIR10D48ME Datasheet
223Kb / 3P
   SMD Power Inductor
CDEIR10D48MENP-4R7MC SUMIDA-CDEIR10D48MENP-4R7MC Datasheet
223Kb / 3P
   SMD Power Inductor
More results

Similar Description - CDEIR10D50MENP-R22MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com