Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C654DIQ64 Datasheet(PDF) 7 Page - Exar Corporation

Part # ST16C654DIQ64
Description  2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C654DIQ64 Datasheet(HTML) 7 Page - Exar Corporation

Back Button ST16C654DIQ64 Datasheet HTML 3Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 4Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 5Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 6Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 7Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 8Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 9Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 10Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
ST16C654/654D




2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
REV. 5.0.0
7
Pin type: I=Input, O=Output, I/O= Input/output, OD=Output Open Drain.
RIA#
RIB#
RIC#
RID#
63
19
30
50
8
28
42
62
98
33
48
84
I
UART channels A-D Ring-Indicator (active low) or general purpose
input.
7KLV LQSXW VKRXOG EH FRQQHFWHG WR 9&& ZKHQ QRW XVHG 7KLV
LQSXW KDV QR HIIHFW RQ WKH 8$57
ANCILLARY SIGNALS
XTAL1
25
35
40
I
Crystal or external clock input.
XTAL2
26
36
41
O
Crystal or buffered clock output.
16/68#
-
31
36
I
Intel or Motorola Bus Select (input with internal pull-up).
When 16/68# pin is at logic 1, 16 or Intel Mode, the device will oper-
ate in the Intel bus type of interface.
When 16/68# pin is at logic 0, 68 or Motorola mode, the device will
operate in the Motorola bus type of interface.
Motorola bus interface is not available on the 64 pin package.
CLKSEL
21
30
35
I
Baud-Rate-Generator Input Clock Prescaler Select for channels A-
D. This input is only sampled during power up or a reset. Connect to
VCC for divide by 1 (default) and GND for divide by 4. MCR[7] can
override the state of this pin following a reset or initialization. See
MCR bit-7 and Figure 6 in the Baud Rate Generator section.
CHCCLK
-
-
42
I
This input provides the clock for UART channel C. An external 16X
baud clock or the crystal oscillator’s output, XTAL2, must be con-
nected to this pin for normal operation. This input may also be used
with MIDI (Musical Instrument Digital Interface) applications when
an external MIDI clock is provided. This pin is only available in the
100-pin QFP package.
RESET
(RESET#)
27
37
43
I
When 16/68# pin is at logic 1 for Intel bus interface, this input
becomes the
5HVHW SLQ DFWLYH KLJK ,Q WKLV FDVH D  QV PLQLPXP
ORJLF  SXOVH RQ WKLV SLQ ZLOO UHVHW WKH LQWHUQDO UHJLVWHUV DQG DOO RXW
SXWV 7KH 8$57 WUDQVPLWWHU RXWSXW ZLOO EH KHOG DW ORJLF  WKH
UHFHLYHU LQSXW ZLOO EH LJQRUHG DQG RXWSXWV DUH UHVHW GXULQJ UHVHW
SHULRG 7DEOH   :KHQ  SLQ LV DW D ORJLF  IRU 0RWRUROD EXV
LQWHUIDFH WKLV LQSXW EHFRPHV 5HVHW SLQ DFWLYH ORZ  7KLV SLQ IXQF
WLRQV VLPLODUO\ EXW LQVWHDG RI D ORJLF  SXOVH D  QV PLQLPXP ORJLF
 SXOVH ZLOO UHVHW WKH LQWHUQDO UHJLVWHUV DQG RXWSXWV
Motorola bus interface is not available on the 64 pin package.
VCC
4, 35, 52
13, 47,
64
10, 61,
86
Pwr
2.97V to 5.5V power supply. The inputs are not 5V tolerant when
operating at 3.3V.
GND
14, 28,
45, 61
6, 23, 40,
57
20, 46,
71, 96
Pwr
Power supply common, ground.
N.C.
-
-
1- 4, 26-
28, 29,
30, 51-
55, 77,
78, 79,
80
No Connection. These pins are not used in either the Intel or Motor-
ola bus modes. These pins are open, but typically, should be con-
nected to GND for good design practice.
Pin Description
NAME
64-TQFP
PIN #
68-PLCC
PIN#
100-QFP
PIN #
TYPE
DESCRIPTION


Similar Part No. - ST16C654DIQ64

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C654DIQ64 EXAR-ST16C654DIQ64 Datasheet
444Kb / 49P
   QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
ST16C654DIQ64 EXAR-ST16C654DIQ64 Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results

Similar Description - ST16C654DIQ64

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com