Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH10D43RNP-330MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH10D43RNP-330MC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH10D43RNP-330MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH10D43RNP-330MC Datasheet HTML 1Page - Sumida Corporation CDRH10D43RNP-330MC Datasheet HTML 2Page - Sumida Corporation CDRH10D43RNP-330MC Datasheet HTML 3Page - Sumida Corporation CDRH10D43RNP-330MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH10D43R
Electrical Characteristics
1.1
1.4
1.8
344.5(275.6)
100
±20%
101
CDRH10D43RNP-101MC
1.2
1.6
2.0
273.8(219.0)
82
±20%
820
CDRH10D43RNP-820MC
1.4
1.8
2.2
217.3(173.8)
68
±20%
680
CDRH10D43RNP-680MC
1.6
2.0
2.4
175.8(140.6)
56
±20%
560
CDRH10D43RNP-560MC
1.7
2.1
2.6
160.4(128.3)
47
±20%
470
CDRH10D43RNP-470MC
2.0
2.6
3.1
120.0(95.7)
33
±20%
330
CDRH10D43RNP-330MC
2.7
3.2
4.0
73.9(59.1)
22
±20%
220
CDRH10D43RNP-220MC
3.1
3.7
4.5
56.1(44.9)
15
±20%
150
CDRH10D43RNP-150MC
3.2
4.0
4.9
47.2(37.7)
12
±20%
120
CDRH10D43RNP-120MC
4.1
4.3
5.2
32.7(26.1)
10
±20%
100
CDRH10D43RNP-100MC
4.2
4.8
6.0
31.0(24.8)
8.2
±25%
8R2
CDRH10D43RNP-8R2PC
4.6
5.6
7.0
25.1(20.0)
6.8
±25%
6R8
CDRH10D43RNP-6R8PC
4.8
6.5
8.0
20.4(16.3)
4.7
±25%
4R7
CDRH10D43RNP-4R7PC
5.8
6.9
8.8
16.6(13.2)
3.9
±25%
3R9
CDRH10D43RNP-3R9PC
6.0
7.3
9.5
14.1(11.3)
2.7
±25%
2R7
CDRH10D43RNP-2R7PC
6.6
8.5
11.2
12.2(9.76)
1.8
±25%
1R8
CDRH10D43RNP-1R8PC
7.2
9.0
12.0
10.4(8.28)
1.2
±25%
1R2
CDRH10D43RNP-1R2PC
at 105
at 20
Temperature
Rise Current
(A)
※3
Saturation Current
( A )
※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH )
[ within ]
※1
Stamp
Part Name
※1 Inductance measuring condition: at 100kHz.
※2 The saturation current: This indicates the value of DC current when the inductance decreases to 65% of it's nominal.
※3 The temperature rise: The value of DC current when the temperature rise is △T=40℃ (Ta=20℃).


Similar Part No. - CDRH10D43RNP-330MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH10D43RNP-330M SUMIDA-CDRH10D43RNP-330M Datasheet
145Kb / 2P
   Power Inductors
More results

Similar Description - CDRH10D43RNP-330MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com