Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDPH45D16FHF-150MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDPH45D16FHF-150MC
Description  SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDPH45D16FHF-150MC Datasheet(HTML) 1 Page - Sumida Corporation

  CDPH45D16FHF-150MC Datasheet HTML 1Page - Sumida Corporation CDPH45D16FHF-150MC Datasheet HTML 2Page - Sumida Corporation CDPH45D16FHF-150MC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Revised: 19-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDPH45D16F
Description
• Ferrite core construction.
• Magnetically shielded.
• L
×W×H: 4.9×4.7×1.8 mm Max.
• Product weight: 0.15g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
• 7.0”diameter reel
• 1000pcs per reel
Applications
• Ideally used in Mobile phone, PDA,HDD etc.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
4.7 Max.
4.
9
Ma
x.
3.
5
1.8
1.8 Max.
5.
3
2.2
3.
3
Electrical Characteristics
0.90 (1.00)
0.90
(1.10)
393
(314)
22.0
±20%
N
CDPH45D16FHF-220MC
0.90 (1.00)
0.90
(1.15)
375
(300)
18.0
±20%
M
CDPH45D16FHF-180MC
0.90 (1.05)
1.10
(1.40)
341
(273)
15.0
±20%
L
CDPH45D16FHF-150MC
1.05 (1.20)
1.20
(1.55)
233
(186)
12.0
±20%
K
CDPH45D16FHF-120MC
1.45 (1.65)
1.30
(1.60)
161
(129)
10.0
±20%
J
CDPH45D16FHF-100MC
1.45 (1.65)
1.35
(1.70)
150
(120)
8.2
±20%
G
CDPH45D16FHF-8R2MC
1.45 (1.65)
1.45
(1.80)
138
(110)
6.8
±20%
F
CDPH45D16FHF-6R8MC
2.00 (2.25)
2.00
(2.50)
85
(68)
4.3
±20%
E
CDPH45D16FHF-4R3MC
Temperature rise
current (A)
※3
DC Saturation
current (A)
※2
D.C.R. (m
Ω)
[Max.] (Typ.)
Inductance (
μH)
[Within]
※1
Stamp
Part No.
※1. Inductor measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).


Similar Part No. - CDPH45D16FHF-150MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDPH45D16FHF-150M SUMIDA-CDPH45D16FHF-150M Datasheet
397Kb / 2P
   Power Inductor
More results

Similar Description - CDPH45D16FHF-150MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com