Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH105R Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH105R
Description  SMD Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH105R Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH105R_14 Datasheet HTML 1Page - Sumida Corporation CDRH105R_14 Datasheet HTML 2Page - Sumida Corporation CDRH105R_14 Datasheet HTML 3Page - Sumida Corporation CDRH105R_14 Datasheet HTML 4Page - Sumida Corporation CDRH105R_14 Datasheet HTML 5Page - Sumida Corporation CDRH105R_14 Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH105R
0
4
8
12
16
20
24
0
1
2
3
4
0
10
20
30
40
50
60
0
4
8
12
16
20
24
0
1
2
3
4
5
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0
1
2
3
4
5
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0
1
2
3
4
5
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
2
4
6
8
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
2
4
6
8
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
2
4
6
8
0
10
20
30
40
50
60
0.0
0.8
1.6
2.4
3.2
4.0
4.8
0
2
4
6
8
10
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
3
6
9
12
15
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
3
6
9
12
15
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
3
6
9
12 15 18
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
L (20
℃)
△T
L (100
℃)
1. CDRH105RNP-0R8NC
△T (℃)
L (
μH)
DC (A)
DC (A)
2. CDRH105RNP-1R5NC
△T (℃)
L (
μH)
△T (℃)
3. CDRH105RNP-2R2NC
L (
μH)
DC (A)
△T (℃)
4. CDRH105RNP-3R3NC
L (
μH)
DC (A)
△T (℃)
5. CDRH105RNP-4R7NC
L (
μH)
DC (A)
△T (℃)
6. CDRH105RNP-6R8NC
L (
μH)
DC (A)
△T (℃)
7. CDRH105RNP-8R2NC
L (
μH)
DC (A)
△T (℃)
8. CDRH105RNP-100NC
L (
μH)
DC (A)
DC (A)
△T (℃)
9. CDRH105RNP-120NC
L (
μH)
△T (℃)
10. CDRH105RNP-150NC
L (
μH )
DC (A)
△T (℃)
11. CDRH105RNP-180NC
L (
μH )
DC (A)
DC (A)
△T (℃)
12. CDRH105RNP-220NC
L (
μH )


Similar Part No. - CDRH105R_14

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
CDRH105R-100 ECM-CDRH105R-100 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDRH105R-100 AITCOMPONENTS-CDRH105R-100 Datasheet
32Kb / 1P
   CDRH105R SMD POWER INDUCTOR
logo
ECM Electronics Limited...
CDRH105R-101 ECM-CDRH105R-101 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDRH105R-101 AITCOMPONENTS-CDRH105R-101 Datasheet
32Kb / 1P
   CDRH105R SMD POWER INDUCTOR
logo
ECM Electronics Limited...
CDRH105R-102 ECM-CDRH105R-102 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
More results

Similar Description - CDRH105R_14

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com